Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER-V2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # ER-V2
Description  RF Remote Control for Windows 7 & Vista
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

ER-V2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  ER-V2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved ER-V2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
RF Remote Control for Windows 7 & Vista
MODEL NUMBER: ER-V2
Description
The RF Remote for Windows 7 & Vista is a sleek and powerful RF remote control designed specifically for
use with Windows 7 & Vista's Media Center multimedia software. It provides more range, convenience
and flexibility than infrared remotes.
Features
Range: The RF Remote for Windows Vista provides a range of up to 90 ft (about three times the
distance of infrared remotes).
q
Convenience: Unlike an infrared remote, this RF remote does not require line of sight to the RF
receiver. This allows you to manage Media Center from more areas within the room or even from other
areas of your house.
q
Flexibility: Since the RF signal works through walls and furniture, you have more flexibility in locating the
PC that will be used to run Media Center. For example, you can place the PC inside an entertainment
center cabinet or within an AV closet and still easily control Media Center with the remote.
q
Highlights
Controls Media Center in
Windows Vista and Windows 7
q
Works through walls and
furniture
q
For Windows 7 & Vista Home
Premium and Vista Ultimate
q
System Requirements
Windows:
An available USB port
q
Windows 7 Home Premium or
Ultimate (64-bit) & Windows
Vista Home Premium or
Windows Vista Ultimate (32bit or
64bit)
q
TV tuner card with FM radio
capability required for live TV
and radio functionality
q
This remote control is designed
specifically for use with Windows
Vista Media Center.
Package Includes
RF Remote Control
q
USB RF Receiver
q
Printed Quick Start Guide
q
Two AA batteries for remote
q
OVERVIEW
UPC Code
672603045018
Model Frequency
433 Mhz
PRODUCT OVERVIEW
Product Overview
Keyspan-by-Tripp Lite RF Remote for Windows Vista
PHYSICAL
1 / 2


Similar Part No. - ER-V2

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
ER-12LF PROTECHSYSTEMS-ER-12LF Datasheet
1Mb / 8P
   MIPS base Motherboard/RMI CPU
logo
Bud Industries, Inc.
ER-16502 BUD-ER-16502 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16503 BUD-ER-16503 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16504 BUD-ER-16504 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
ER-16505 BUD-ER-16505 Datasheet
104Kb / 1P
   ECONOMIZER CABINET RACK
More results

Similar Description - ER-V2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1231B MAXIM-MAX1231B Datasheet
5Mb / 40P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX11665EVKIT MAXIM-MAX11665EVKIT Datasheet
3Mb / 39P
   Windows XP, Windows Vista, and Windows 7-Compatible Software
Rev 0; 6/11
MAX9249EVKIT MAXIM-MAX9249EVKIT Datasheet
5Mb / 38P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 3/10
MAX9268EVKIT MAXIM-MAX9268EVKIT Datasheet
2Mb / 26P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10
MAX14578EVKIT MAXIM-MAX14578EVKIT Datasheet
2Mb / 17P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 4/11
MAX6956EVKIT MAXIM-MAX6956EVKIT Datasheet
830Kb / 16P
   Windows 2000/XP-, Windows Vista (32-Bit)- and Windows 10** Compatible Software
2021
logo
Oscilent Corporation
805-RF315.0M-A OSCILENT-805-RF315.0M-A Datasheet
180Kb / 2P
   RF SAW Filter for Remote Control
logo
EPCOS
B3534 EPCOS-B3534 Datasheet
126Kb / 13P
   Low-loss RF filter for remote control receivers
B3786 EPCOS-B3786 Datasheet
110Kb / 10P
   Low-loss RF filter for remote control receivers
logo
Oscilent Corporation
805-RF434.42M-B OSCILENT-805-RF434.42M-B Datasheet
203Kb / 2P
   Remote Control, RF SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com