Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1373D-133BZXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1373D-133BZXC
Description  18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBLTM Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1373D-133BZXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1373D-133BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1373D-133BZXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PRELIMINARY
CY7C1371D
CY7C1373D
Document #: 38-05556 Rev. *A
Page 10 of 30
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1371D/CY7C1373D incorporates a serial boundary
scan test access port (TAP) in the BGA package only. The
TQFP package does not offer this functionality. This part
operates in accordance with IEEE Standard 1149.1-1900, but
doesn’t have the set of functions required for full 1149.1
compliance. These functions from the IEEE specification are
excluded because their inclusion places an added delay in the
critical speed path of the SRAM. Note the TAP controller
functions in a manner that does not conflict with the operation
of other devices using 1149.1 fully compliant TAPs. The
TAPoperates using JEDEC-standard 3.3V or 2.5V I/O logic
levels.
The CY7C1371D/CY7C1373D contains a TAP controller,
instruction register, boundary scan register, bypass register,
and ID register.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, TCK must be tied LOW
(VSS) to prevent clocking of the device. TDI and TMS are inter-
nally pulled up and may be unconnected. They may alternately
be connected to VDD through a pull-up resistor. TDO should be
left unconnected. Upon power-up, the device will come up in
a reset state which will not interfere with the operation of the
device.
Note:
9. Table only lists a partial listing of the byte write combinations. Any Combination of BWX is valid Appropriate write will be done based on which byte write is active.
Write Cycle (Begin Burst)
External
L
H
L
L
L
L
L
X
L
L->H Data In (D)
Write Cycle (Continue Burst)
Next
X
X
X
L
H
X
L
X
L
L->H Data In (D)
NOP/Write Abort (Begin Burst)
None
L
H
L
L
L
L
H
X
L
L->H
Tri-State
Write Abort (Continue Burst)
Next
X
X
X
L
H
X
H
X
L
L->H
Tri-State
Ignore Clock Edge (Stall)
Current
X
X
X
L
X
X
X
X
H
L->H
Sleep Mode
None
X
X
X
H
X
X
X
X
X
X
Tri-State
Truth Table (continued)[ 2, 3, 4, 5, 6, 7, 8]
Operation
Address
Used
CE1 CE2 CE3 ZZ ADV/LD WE BWX OE CEN CLK
DQ
Partial Truth Table for Read/Write[2, 3, 9]
Function (CY7C1371D)
WE
BWA
BWB
BWC
BWD
Read
H
XXXX
Write No bytes written
L
HHHH
Write Byte A – (DQA and DQPA)
L
L
HHH
Write Byte B – (DQB and DQPB)L
H
L
H
H
Write Byte C – (DQC and DQPC)L
H
H
L
H
Write Byte D – (DQD and DQPD)
L
HHH
L
Write All Bytes
LLLL
L
Partial Truth Table for Read/Write[2, 3,9]
Function (CY7C1373D)
WE
BWA
BWB
Read
H
X
X
Write - No bytes written
L
H
H
Write Byte A – (DQA and DQPA)L
H
H
Write Byte B – (DQB and DQPB)L
H
H
Write All Bytes
L
L
L


Similar Part No. - CY7C1373D-133BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1373D-133BZXC CYPRESS-CY7C1373D-133BZXC Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1373D-133BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com