Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146DV30L-55ZSXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62146DV30L-55ZSXI
Description  4-Mbit (256K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146DV30L-55ZSXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62146DV30L-55ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62146DV30L-55ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY62146DV30
Document #: 38-05339 Rev. *A
Page 4 of 11
Capacitance (for all packages)[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance[9]
Parameter
Description
Test Conditions
BGA
TSOP II
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch, four-layer
printed circuit board
72
75.13
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
8.86
8.95
°C/W
AC Test Loads and Waveforms[10]
Parameters
2.50V
3.0V
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min. Typ.[5]
Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC= 1.5V
CE > VCC – 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V
L9
µA
LL
6
tCDR[9]
Chip Deselect to Data Retention Time
0
ns
tR[11]
Operation Recovery Time
tRC
ns
VCC
VCC
OUTPUT
R2
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Data Retention Waveform
Notes:
9. Tested initially and after any design or process changes that may affect these parameters.
10. Test condition for the 45 ns part is a load capacitance of 30 pF.
11. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs or stable at VCC(min.) > 100 µs.
VCC(min)
VCC(min)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
VCC
CE


Similar Part No. - CY62146DV30L-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146DV30L-55ZSXI CYPRESS-CY62146DV30L-55ZSXI Datasheet
412Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY62146DV30L-55ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com