Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSCXS36AC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. CSCXS36AC
Description  36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

CSCXS36AC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36-Device AC Charging Station Cart for
Chromebooks and Laptops, Schuko, 230V - 3 m
Cord
MODEL NUMBER: CSCXS36AC
Keep up to 36 Chromebooks and laptops secure, charged and ready to use.
Features
Charges 36 Chromebooks and Laptops Up to 38.1 cm (15 inches)
36 Schuko outlets provide convenient charging for Chromebooks and laptops with a screen size up to
38.1 cm. This 230V charging station cart also charges tablets and other USB devices through their power
adapters. A built-in circuit breaker protects against overloads. A 3 m AC input cord with a Schuko plug
reaches distant outlets.
Locking Steel Enclosure Keeps Equipment Safe and Secure
This locking charging station promotes comprehensive device protection with steel construction and a
black powder-coated finish for long-term durability. The front and rear compartments lock with the
included keys to help prevent device theft, damage or tampering. For extra security, the front door can be
fastened with a user-supplied padlock. Flow-through ventilation helps protect against overheating, and the
specially coated shelves help prevent device scratches and scuffs.
Simple Mobility
Transport devices from room to room easily with the help of locking swivel casters. The non-marking
wheels provide a smooth, even ride, and a reversible wide-grip handle assists with cart control. Corner
safety bumpers protect walls and doorways from scratches.
Laminated Wood-Grain Top Serves as a Workstation
This charging station features a laminated wood-grain top that serves as a smooth writing surface and can
also hold a projector and other devices. You can also mount a television display on your charging station
with Tripp Lite’s CSC36DM optional display mount adapter kit.
Clutter-Reducing Organization
Heavy power adapters store out of the way in removable rear baskets. Cables and connectors run through
shelf slots and an overhead cable manager, keeping them organized and out of the way. Adjustable
dividers accommodate up to 12 devices per shelf, and device spaces are numbered for easy identification.
A power cord wrap keeps the input cord out of the way when moving the charging station.
2-Year Limited Warranty
This charging station cart is backed by Tripp Lite’s 2-year limited warranty.
Highlights
Charges 36 Chromebooks and
laptops with screen sizes up to
38.1 cm (15 inches)
q
Heavy-duty steel construction
and locking mechanism keeps
equipment secure
q
Handle and swivel casters help
you safely move connected
devices from room to room
q
Wood laminate top serves as a
workstation
q
3 m AC input cord with Schuko
CEE 7/7 plug reaches distant
outlets
q
Applications
Charge up to 36 Chromebooks
and laptops in schools,
businesses and government
organizations that rely on the
daily use of mobile devices
q
Easily and safely transport
connected devices from room to
room with a smooth, controlled
ride
q
Use the laminate top as a
workstation or a sturdy platform
for A/V equipment
q
Package Includes
CSCXS36AC 36-Device AC
Charging Station Cart, 230V,
Schuko Plug and Outlets
q
Cart handle
q
Input cord wrap
q
(6) Protective bumpers
q
(10) Hex screws
q
Hex key
q
1 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn