Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSCXB36AC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. CSCXB36AC
Description  36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSCXB36AC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CSCXB36AC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSCXB36AC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSCXB36AC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
(2) Keys
q
Owner’s manual
q
OVERVIEW
UPC Code
037332207098
OUTPUT
Charging Ports / Amps
(36) 10A
Charging Method
AC
INPUT
Input Cord Length (ft.)
10
Input Cord Length (m)
3.05
Voltage Compatibility (VAC)
230
Input Frequency
50 hZ
Input Plug Type
BS1363
PHYSICAL
Shipping Dimensions (hwd / in.)
46.85 x 26.77 x 29.13
Shipping Weight (kg)
77.00
Unit Dimensions (hwd / in.)
42.3 x 27.97 x 26.04 (with handle installed)
Unit Dimensions (hwd / cm)
107.45 x 71.04 x 56.13 (con la manija instalada)
Unit Weight (lbs.)
110.23
Unit Weight (kg)
50.00
Color
Black
Slot Dimensions - Top (hwd / in.)
10.13 x 1.5 x 15.58
Slot Dimensions - Top (hwd / mm)
257.3 x 38.22 x 395.72
Slot Dimensions - Bottom (hwd / in.)
10.11 x 1.5 x 15.58
Slot Dimensions - Bottom (hwd /
mm)
256.9 x 38.22 x 395.72
Slot Dimensions - Middle (hwd / in.)
10.13 x 1.5 x 15.58
Slot Dimensions - Middle (hwd / mm)
257.3 x 38.22 x 395.72
Charging Station Form Factor
Mobile Cart
2 / 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn