Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4277HFR/EM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4277HFR/EM
Description  Radiation Hardened High-Precision Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4277HFR/EM Datasheet(HTML) 3 Page - Texas Instruments

  OPA4277HFR/EM Datasheet HTML 1Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 2Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 3Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 4Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 5Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 6Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 7Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 8Page - Texas Instruments OPA4277HFR/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
OUT A
14
OUT D
2
–IN A
13
–IN D
3
+IN A
12
+IN D
4
V+
11
V–
5
+IN B
10
+IN C
6
–IN B
9
–IN C
7
OUT B
8
OUT C
Not to scale
3
OPA4277-SP
www.ti.com
SBOS771A – DECEMBER 2016 – REVISED JANUARY 2019
Product Folder Links: OPA4277-SP
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
HFR Package
14-Pin CFP
Top View
Pin Functions: CFP
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT A
O
Output channel A.
2
–IN A
I
Inverting input channel A.
3
+IN A
I
Noninverting input channel A.
4
V+
Positive (highest) power supply.
5
+IN B
I
Noninverting input channel B.
6
–IN B
I
Inverting input channel B.
7
OUT B
O
Output channel B.
8
OUT C
O
Output channel C.
9
–IN C
I
Inverting input channel C.
10
+IN C
I
Noninverting input channel C.
11
V–
Negative (lowest) power supply.
12
+IN D
I
Noninverting input channel D.
13
–IN D
I
Inverting input channel D.
14
OUT D
O
Output channel D.


Similar Part No. - OPA4277HFR/EM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4277 BURR-BROWN-OPA4277 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4277 TI1-OPA4277 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA4277-EP TI-OPA4277-EP Datasheet
390Kb / 20P
[Old version datasheet]   OPA4277-EP High Precision Operational Amplifier
OPA4277-EP TI1-OPA4277-EP Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
More results

Similar Description - OPA4277HFR/EM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
logo
Intersil Corporation
HS-2510RH INTERSIL-HS-2510RH Datasheet
86Kb / 7P
   Radiation Hardened High Slew Rate Operational Amplifier
HS-2600RH INTERSIL-HS-2600RH Datasheet
87Kb / 5P
   Radiation Hardened Wideband, High Impedance Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
HS-2520RH INTERSIL-HS-2520RH_01 Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
List of Unclassifed Man...
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com