Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARD10024 Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # ARD10024
Description  26.5GHz, 18GHz COAXIAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARD10024 Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

  ARD10024 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 5Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 6Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 7Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RD
7
1-(2). High frequency characteristics (Transfer)
Sample: ARD60012
Measuring method: Measured with HP network analyzer (HP8510).
• V.S.W.R.
• Insertion loss
• Isolation
1GHz 4GHz
12.4GHz
8GHz
18GHz
26.5GHz
Frequency
1.1
1.0
1.9
1.2
1.4
1.5
1.6
1.7
1.8
1.3
0.8
0.9
1.0
0
0.1
0.2
0.6
0.7
0.3
0.4
0.5
1GHz 4GHz
12.4GHz
8GHz
18GHz
26.5GHz
Frequency
1GHz 4GHz
12.4GHz
8GHz
18GHz
26.5GHz
Frequency
80
70
100
90
0
20
10
60
40
50
30
REFERENCE DATA
1-(1). High frequency characteristics (SPDT)
Sample: ARD10012
Measuring method: Measured with HP network analyzer (HP8510).
• V.S.W.R.
• Insertion loss
• Isolation
1.1
1.0
1.9
1.2
1GHz 4GHz
12.4GHz
8GHz
18GHz
26.5GHz
1.4
1.5
1.6
1.7
1.8
1.3
Frequency
0.8
0.7
1.0
0.9
0
0.2
0.1
0.6
0.4
0.5
0.3
1GHz 4GHz
12.4GHz
8GHz
18GHz
26.5GHz
Frequency
80
90
100
0
10
20
60
70
30
40
50
1GHz 4GHz
12.4GHz
8GHz
18GHz
26.5GHz
Frequency


Similar Part No. - ARD10024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO-NANO ETC-ARDUINO-NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO101 ETC2-ARDUINO101 Datasheet
273Kb / 5P
   Try out the integrated accelerometer and gyro and discover sensor fusion
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO_NANO ETC-ARDUINO_NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
More results

Similar Description - ARD10024

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMA HIROSE-SMA Datasheet
426Kb / 8P
   SMA Reverse Coaxial Connector Up to 26.5GHz
logo
Pasternack Enterprises,...
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
   SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
   SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
CRYSTEK CORPORATION
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
   SS402 50 Ohm 18GHz Precision Coaxial Cables
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Huber+Suhner, Inc.
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com