Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARD10024 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ARD10024
Description  26.5GHz, 18GHz COAXIAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARD10024 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ARD10024 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 5Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 6Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 7Page - Nais(Matsushita Electric Works) ARD10024 Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RD
2
ORDERING INFORMATION
Note: Sealed types are also available. (SPDT type only)
Product
name
RD
Frequency
1: to 18GHz (SPDT)
2: to 18GHz (Transfer)
5: to 26.5GHz (SPDT)
6: to 26.5GHz (Transfer)
Operating function
00: Failsafe
20: Latching
51: Latching with TTL driver
(with self cut-off function)
Nominal operating
voltage, V DC
4H:
05:
12:
24:
4.5V (Failsafe,
Latching type only)
5V (Latching with
TTL driver type only)
12V
24V
Operation terminal
Nil:
C:
Solder terminal
Connector cable
(SPDT type only)
HF data attached
Nil:
Q:
No HF test data
attached
HF test data attached
RD
A
Ex.
TYPES
1. SPDT
1) Solder terminal
Note: Standard packing; Carton: 1 pc. Case: 20 pcs.
2) Connector cable
Note: Standard packing; Carton: 1 pc. Case: 10 pcs.
2. Transfer
1) Solder terminal
Note: Standard packing; Carton: 1 pc. Case: 10 pcs.
Operating function
Nominal operating
voltage, V DC
18GHz type
26.5GHz type
No HF datasheet
attached
HF datasheet
attached
No HF datasheet
attached
HF datasheet
attached
Failsafe
4.5
ARD1004H
ARD1004HQ
ARD5004H
ARD5004HQ
12
ARD10012
ARD10012Q
ARD50012
ARD50012Q
24
ARD10024
ARD10024Q
ARD50024
ARD50024Q
Latching
4.5
ARD1204H
ARD1204HQ
ARD5204H
ARD5204HQ
12
ARD12012
ARD12012Q
ARD52012
ARD52012Q
24
ARD12024
ARD12024Q
ARD52024
ARD52024Q
Latching with TTL driver
(with self cut-off function)
5
ARD15105
ARD15105Q
ARD55105
ARD55105Q
12
ARD15112
ARD15112Q
ARD55112
ARD55112Q
24
ARD15124
ARD15124Q
ARD55124
ARD55124Q
Operating function
Nominal operating
voltage, V DC
18GHz type
26.5GHz type
No HF datasheet
attached
HF datasheet
attached
No HF datasheet
attached
HF datasheet
attached
Failsafe
4.5
ARD1004HC
ARD1004HCQ
ARD5004HC
ARD5004HCQ
12
ARD10012C
ARD10012CQ
ARD50012C
ARD50012CQ
24
ARD10024C
ARD10024CQ
ARD50024C
ARD50024CQ
Latching
4.5
ARD1204HC
ARD1204HCQ
ARD5204HC
ARD5204HCQ
12
ARD12012C
ARD12012CQ
ARD52012C
ARD52012CQ
24
ARD12024C
ARD12024CQ
ARD52024C
ARD52024CQ
Latching with TTL driver
(with self cut-off function)
5
ARD15105C
ARD15105CQ
ARD55105C
ARD55105CQ
12
ARD15112C
ARD15112CQ
ARD55112C
ARD55112CQ
24
ARD15124C
ARD15124CQ
ARD55124C
ARD55124CQ
Operating function
Nominal operating
voltage, V DC
18GHz type
26.5GHz type
No HF datasheet
attached
HF datasheet
attached
No HF datasheet
attached
HF datasheet
attached
Failsafe
4.5
ARD2004H
ARD2004HQ
ARD6004H
ARD6004HQ
12
ARD20012
ARD20012Q
ARD60012
ARD60012Q
24
ARD20024
ARD20024Q
ARD60024
ARD60024Q
Latching
4.5
ARD2204H
ARD2204HQ
ARD6204H
ARD6204HQ
12
ARD22012
ARD22012Q
ARD62012
ARD62012Q
24
ARD22024
ARD22024Q
ARD62024
ARD62024Q
Latching with TTL driver
(with self cut-off function)
5
ARD25105
ARD25105Q
ARD65105
ARD65105Q
12
ARD25112
ARD25112Q
ARD65112
ARD65112Q
24
ARD25124
ARD25124Q
ARD65124
ARD65124Q


Similar Part No. - ARD10024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO-NANO ETC-ARDUINO-NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO101 ETC2-ARDUINO101 Datasheet
273Kb / 5P
   Try out the integrated accelerometer and gyro and discover sensor fusion
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO_NANO ETC-ARDUINO_NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
More results

Similar Description - ARD10024

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMA HIROSE-SMA Datasheet
426Kb / 8P
   SMA Reverse Coaxial Connector Up to 26.5GHz
logo
Pasternack Enterprises,...
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
   SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
   SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
CRYSTEK CORPORATION
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
   SS402 50 Ohm 18GHz Precision Coaxial Cables
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Huber+Suhner, Inc.
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com