Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-0006 Datasheet(PDF) 1 Page - CUI INC

Part # T-0006
Description  CRIMP PIN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

T-0006 Datasheet(HTML) 1 Page - CUI INC

  T-0006 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Website: www.cui.com
0.2
(TYP)
1.23±0.15
1.62±0.15
±0.1mm unless otherwise noted
WIRE GAUGE: 26-28 AWG
TOLERANCE:
B
SCALE:
CRIMP PIN
COPYRIGHT 2007 BY CUI INC.
TITLE:
MM [INCHES]
8:1
T-0006
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
T-0006
RDS
REV:
3.75
B
B
A
A
B
B
B
B
B
B
B
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/24/2007
B
Updated Dimensions
8/10/2012
B
B
6.40
5.75
3.85
3.20
7.60
SECTION A-A
1.65±0.15
SECTION B-B
2.0
1.20
0.80


Similar Part No. - T-0006

ManufacturerPart #DatasheetDescription
logo
CommScope Inc.
T-029-GL-E COMMSCOPE-T-029-GL-E Datasheet
528Kb / 3P
   12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
February 8, 2020
logo
Pulse A Technitrol Comp...
T-050078 PULSE-T-050078 Datasheet
530Kb / 2P
   High-Frequency SMT Balun Adaptor
T-050100 PULSE-T-050100 Datasheet
530Kb / 2P
   High-Frequency SMT Balun Adaptor
T-050150 PULSE-T-050150 Datasheet
530Kb / 2P
   High-Frequency SMT Balun Adaptor
logo
Aries Electronics, Inc.
T-0600 ARIES-T-0600 Datasheet
360Kb / 1P
   Strip Header/Socket Break Tool
More results

Similar Description - T-0006

ManufacturerPart #DatasheetDescription
logo
FCI connector
8656352064 FCI-CONNECTOR-8656352064 Datasheet
83Kb / 1P
   CRIMP PIN
865635006X FCI-CONNECTOR-865635006X Datasheet
95Kb / 1P
   CRIMP PIN
logo
Amphenol Corporation
VN010160011 AMPHENOL-VN010160011 Datasheet
76Kb / 3P
   Crimp contacts Pin
logo
Molex Electronics Ltd.
08-70-0060 MOLEX11-08-70-0060 Datasheet
47Kb / 1P
   PCB CRIMP PIN
logo
Tyco Electronics
1-592404-1 MACOM-1-592404-1 Datasheet
67Kb / 1P
   CONTACT, PIN CRIMP TYPE
logo
Glenair, Inc.
854-001 GLENAIR-854-001 Datasheet
229Kb / 1P
   Crimp Quadrax Pin Contact
logo
CAMBION Electronic Comp...
460-3299 CAMBION-460-3299 Datasheet
28Kb / 1P
   Crimp connector pin, .080 (2,03) diameter pin
logo
Molex Electronics Ltd.
0638115700 MOLEX-0638115700 Datasheet
35Kb / 1P
   Hand Crimp Tool for 4.80mm Crimp Terminal, Pin
11/17/2017
63811-5800 MOLEX11-63811-5800 Datasheet
42Kb / 1P
   Hand Crimp Tool for 5.77mm Crimp Terminal, Pin
63811-5600 MOLEX11-63811-5600 Datasheet
34Kb / 1P
   Hand Crimp Tool for 4.64mm Crimp Terminal, Pin
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com