Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM54V12222A Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM54V12222A
Description  262,214 Words x 12 Bits FIELD MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222A Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM54V12222A Datasheet HTML 6Page - OKI electronic componets MSM54V12222A Datasheet HTML 7Page - OKI electronic componets MSM54V12222A Datasheet HTML 8Page - OKI electronic componets MSM54V12222A Datasheet HTML 9Page - OKI electronic componets MSM54V12222A Datasheet HTML 10Page - OKI electronic componets MSM54V12222A Datasheet HTML 11Page - OKI electronic componets MSM54V12222A Datasheet HTML 12Page - OKI electronic componets MSM54V12222A Datasheet HTML 13Page - OKI electronic componets MSM54V12222A Datasheet HTML 14Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
OKI Semiconductor
MSM54V12222A
NOTE
1. Input signal reference levels for the parameter measurement are VIH=3.0V
and VIL=0V.
The transition time tT is defined to be a transition time that signal transfers between VIH=3.0V
and VIL=0V.
2. AC measurements assume tT=3ns.
3. Read address must have more than 600 address delay than write address in every cycle
when asynchronous read/write is performed.
4. Read must have more than 600 address delay than write in order to read the data written in a
current series of write cycle which has been started last write reset cycle : this is called "new
data read".
When read has less than 70 address delay than write, the read data are the data written in a
previous series of write cycle which had been written before last write reset cycle: this is called
"old data read".
5. When the read address delay is between more than 71 and less than 599, read data will be
undetermined. However, normal write is achieved in this address condition.
6. Outputs are measured with a load equivalent to 1 TTL load and 30pF.
Output reference levels are VOH=2.0V and VOL=0.8V.


Similar Part No. - MSM54V12222A

ManufacturerPart #DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20JS OKI-MSM54V12222B-20JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20TS-K OKI-MSM54V12222B-20TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25JS OKI-MSM54V12222B-25JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25TS-K OKI-MSM54V12222B-25TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
More results

Similar Description - MSM54V12222A

ManufacturerPart #DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166A OKI-MS81V04166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com