Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM54V12222A Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM54V12222A
Description  262,214 Words x 12 Bits FIELD MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222A Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM54V12222A Datasheet HTML 4Page - OKI electronic componets MSM54V12222A Datasheet HTML 5Page - OKI electronic componets MSM54V12222A Datasheet HTML 6Page - OKI electronic componets MSM54V12222A Datasheet HTML 7Page - OKI electronic componets MSM54V12222A Datasheet HTML 8Page - OKI electronic componets MSM54V12222A Datasheet HTML 9Page - OKI electronic componets MSM54V12222A Datasheet HTML 10Page - OKI electronic componets MSM54V12222A Datasheet HTML 11Page - OKI electronic componets MSM54V12222A Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
OKI Semiconductor
MSM54V12222A
Parameter
Symbol
MIN
Unit
Power Supply Voltage
Power Supply Voltage
Input High Voltage
Input Low Voltage
V
V
V
V
3.0
0
2.4
–0.3
3.3
0
Vcc
0
3.6
0
Vcc+0.3
0.8
TYP
MAX
VCC
VSS
VIH
VIL
- Capacitance
Parameter
Unit
Input Capacitance (Din, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE)
Output Capacitance (Dout)
pF
pF
Ci
Co
7
10
Symbol
MAX
(Ta = 25°C, f = 1 MHz)
- Recommended /peration Condition
- DC Characteristics
- Absolute Maximum Rating
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Unit
Input Leakage Current
Output Leakage Current
Output "H" Level Voltage
Output "L" Level Voltage
Standby Current
mA
mA
V
V
mA
0<Vi<+0.3,Other Pins Tested at V=0V
0<Vo<Vcc
IOH=-1mA
IOL=2mA
-10
-10
2.4
10
10
Min
Max
0.4
60
3
Minimum Cycle Time,Output Open
Input Pin=VIH/VIL
mA
Operating Current
ILI
ILO
VOH
VOL
ICC1
ICC2
Parameter
Symbol
Conditions
Rating
Input Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
V
I
P
T
T
T
OS
D
opr
stg
at Ta = 25°C, Vss
Ta = 25°C
Ta = 25°C
–1.0~4.6
50
1
0~70
–55~150
Unit
V
mA
°C
°C
W


Similar Part No. - MSM54V12222A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20JS OKI-MSM54V12222B-20JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20TS-K OKI-MSM54V12222B-20TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25JS OKI-MSM54V12222B-25JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25TS-K OKI-MSM54V12222B-25TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
More results

Similar Description - MSM54V12222A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166A OKI-MS81V04166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz