Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM54V12222A Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM54V12222A
Description  262,214 Words x 12 Bits FIELD MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222A Datasheet(HTML) 3 Page - OKI electronic componets

  MSM54V12222A Datasheet HTML 1Page - OKI electronic componets MSM54V12222A Datasheet HTML 2Page - OKI electronic componets MSM54V12222A Datasheet HTML 3Page - OKI electronic componets MSM54V12222A Datasheet HTML 4Page - OKI electronic componets MSM54V12222A Datasheet HTML 5Page - OKI electronic componets MSM54V12222A Datasheet HTML 6Page - OKI electronic componets MSM54V12222A Datasheet HTML 7Page - OKI electronic componets MSM54V12222A Datasheet HTML 8Page - OKI electronic componets MSM54V12222A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MSM54V12222A
OKI Semiconductor
3
PIN CONFIGURATION (TOP VIEW)
40PIn Plastick SOJ
Pin Name
Function
SRCK
Serial Read Clock
SWCK
Serial Write Clock
WE
Write Enable
RE
Read Enable
IE
Input Enable
OE
Output Enable
RSTW
Write Reset Clock
RSTR
Read Reset Clock
Din0-11
Data Input
Dout0-11
Data Output
Vcc
Power Supply(3.3V)
Vss
Ground (0V)
NC
No Connection
44PIN Plastic TSOP (II)
(K Type)
VSS
NC
DIN11
DIN10
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
SWCK
RSTW
WE
IE
40
39
38
37
36
35
34
33
32
31
VSS
VCC
DOUT11
DOUT10
DOUT9
DOUT8
DOUT7
DOUT6
DOUT5
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
SRCK
RSTW
RE
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
23
24
25
26
27
28
29
30

NC
VCC
19
20
VSS
VCC
21
22
VSS
DIN11
DIN10
NC
DIN9
DIN8
DIN7
DIN6
NC
DIN5
DIN4
DIN3
DIN2
NC
DIN1
DIN0
SWCK
RSTW
NC
VWE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21

VSS
DOUT11
DOUT10
NC
DOUT9
DOUT8
DOUT7
DOUT6
VCC
DOUT5
DOUT4
DOUT3
DOUT2
VSS
DOUT1
DOUT0
SRCK
RSTR
NC
RE
IE
VCC
OE
VCC
44
43
42
41


Similar Part No. - MSM54V12222A

ManufacturerPart #DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20JS OKI-MSM54V12222B-20JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20TS-K OKI-MSM54V12222B-20TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25JS OKI-MSM54V12222B-25JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25TS-K OKI-MSM54V12222B-25TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
More results

Similar Description - MSM54V12222A

ManufacturerPart #DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS8104166A OKI-MS8104166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V04160A OKI-MS81V04160A Datasheet
178Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166 OKI-MS81V04166 Datasheet
139Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104166 OKI-MS8104166 Datasheet
138Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS81V04166A OKI-MS81V04166A Datasheet
144Kb / 19P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
MS8104160A OKI-MS8104160A Datasheet
177Kb / 24P
   Dual FIFO (262,214 Words 횞 8 Bits) 횞 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com