Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2064V-60LJ44 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPLSI2064V-60LJ44
Description  3.3V High Density Programmable Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2064V-60LJ44 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPLSI2064V-60LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2064V-60LJ44 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Specifications ispLSI 2064V
Pin Configuration
ispLSI 2064V 100-Pin TQFP Pinout Diagram
I/O 57
I/O 58
I/O 59
1NC
I/O 60
I/O 61
I/O 62
I/O 63
1NC
Y0
RESET
VCC
GOE 1
GND
ispEN
TDI/IN 0
I/O 0
I/O 1
I/O 2
I/O 3
1NC
I/O 4
I/O 5
I/O 6
1NC
NC1
I/O 38
I/O 37
I/O 36
NC1
I/O 35
I/O 34
I/O 33
I/O 32
NC1
Y1
NC1
VCC
GOE 0
GND
Y2
TCK/IN 3
I/O 31
I/O 30
I/O 29
I/O 28
NC1
I/O 27
I/O 26
I/O 25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
57
56
55
54
53
52
51
58
ispLSI 2064V
Top View
1. NC pins are not to be connected to any active signals, VCC or GND.
100 TQFP/2064V


Similar Part No. - ISPLSI2064V-60LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064VE LATTICE-ISPLSI2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LB100 LATTICE-ISPLSI2064VE-100LB100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LJ44 LATTICE-ISPLSI2064VE-100LJ44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT100 LATTICE-ISPLSI2064VE-100LT100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT44 LATTICE-ISPLSI2064VE-100LT44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2064V-60LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com