Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC16373ADGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC16373ADGG
Description  16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16373ADGG Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC16373ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC16373ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2003 Dec 08
5
Philips Semiconductors
Product specification
16-bit D-type transparent latch with 5 V
tolerant inputs/outputs; 3-state
74LVC16373A;
74LVCH16373A
handbook, full pagewidth
MGU769
2LE
D
LATCH
9
Q
2OE
to 7 other channels
LE
LE
2Q0
2D0
1LE
D
LATCH
1
Q
1OE
to 7 other channels
LE
LE
1Q0
1D0
Fig.2 Logic diagram.
handbook, halfpage
MGU768
1Q0
1Q1
1LE
2LE
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1OE
47
46
48
25
44
43
41
40
38
37
2
3
1
5
6
8
9
11
12
24
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
36
35
33
32
30
29
27
26
13
14
16
17
19
20
22
23
2OE
Fig.3 Logic symbol.
handbook, halfpage
23
MGU770
37
12
11
9
8
6
5
47
46
44
43
41
40
38
1D7
1D0
1D1
1D2
1D3
1D4
1D5
1D6
2
3
1Q7
1Q6
1Q5
1Q4
1Q3
1Q2
1Q0
1Q1
26
22
20
19
17
16
36
35
33
32
30
29
27
2D5
2D0
2D1
2D2
2D3
2D4
13
14
2Q5
2Q4
2Q3
2Q2
2Q1
2Q0
24
25
2EN
1OE
1
1EN
1LE
2OE
2LE
48
C3
C4
3D
1
4D
2
2D7
2D6
2Q7
2Q6
Fig.4 Logic symbol (IEEE/IEC).


Similar Part No. - 74LVC16373ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16373ADGG PHILIPS-74LVC16373ADGG Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
logo
Nexperia B.V. All right...
74LVC16373ADGG NEXPERIA-74LVC16373ADGG Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
74LVC16373ADGG-Q100 NEXPERIA-74LVC16373ADGG-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
logo
Texas Instruments
74LVC16373ADGGRG4 TI-74LVC16373ADGGRG4 Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74LVC16373ADGGRG4 TI-74LVC16373ADGGRG4 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVC16373ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC16373A-Q100 NEXPERIA-74LVC16373A-Q100 Datasheet
252Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC16373A NEXPERIA-74LVC16373A Datasheet
261Kb / 15P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 10 - 1 October 2021
logo
NXP Semiconductors
74LVC_LVCH16373A PHILIPS-74LVC_LVCH16373A_15 Datasheet
212Kb / 17P
   16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
   16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH32373A PHILIPS-74LVCH32373A Datasheet
80Kb / 16P
   32-bit transparent D-type latch with 5 V tolerant inputs/outputs; 3-state
1999 Nov 24
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com