Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2064V-80LJ84 Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # ISPLSI2064V-80LJ84
Description  3.3V High Density Programmable Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2064V-80LJ84 Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button ISPLSI2064V-80LJ84 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2064V-80LJ84 Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
Specifications ispLSI 2064V
I/O 38
I/O 37
I/O 36
I/O 35
I/O 34
I/O 33
I/O 32
Y1
NC1
VCC
GOE 0
GND
Y2
TCK/IN 3
I/O 31
I/O 30
I/O 29
I/O 28
I/O 27
I/O 26
I/O 25
I/O 57
I/O 58
I/O 59
I/O 60
I/O 61
I/O 62
I/O 63
Y0
RESET
VCC
GOE 1
GND
ispEN
TDI/IN 0
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
ispLSI 2064V
Top View
1. NC pins are not to be connected to any active signal, VCC or GND.
84 PLCC/2064V
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
11 10 987654321 84 83 82 81 80 79 78 77 76 75
Pin Configuration
ispLSI 2064V 84-Pin PLCC Pinout Diagram


Similar Part No. - ISPLSI2064V-80LJ84

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064VE LATTICE-ISPLSI2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LB100 LATTICE-ISPLSI2064VE-100LB100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LJ44 LATTICE-ISPLSI2064VE-100LJ44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT100 LATTICE-ISPLSI2064VE-100LT100 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2064VE-100LT44 LATTICE-ISPLSI2064VE-100LT44 Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results

Similar Description - ISPLSI2064V-80LJ84

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com