Electronic Components Datasheet Search |
|
BZX384-C5V6 Datasheet(PDF) 4 Page - NXP Semiconductors |
|
BZX384-C5V6 Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 11 page 2004 Mar 22 4 Philips Semiconductors Product specification Voltage regulator diodes BZX384 series LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). Note 1. Refer to SOD323 standard mounting conditions. CHARACTERISTICS Total BZX384-B and C series Tj =25 °C unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT IF continuous forward current − 250 mA IZSM non-repetitive peak reverse current tp = 100 µs; square wave; Tamb =25 °C; prior to surge see Tables 1 and 2 A PZSM non-repetitive peak reverse power dissipation tp = 100 µs; square wave; Tamb =25 °C; prior to surge − 40 W Ptot total power dissipation Tamb =25 °C; note 1 − 300 mW Tstg storage temperature −65 +150 °C Tj junction temperature −65 +150 °C SYMBOL PARAMETER CONDITIONS MAX. UNIT VF forward voltage IF = 10 mA; see Fig.3 0.9 V IF = 100 mA; see Fig.3 1.1 V IR reverse current; BZX384-B/C2V4 VR =1V 50 µA BZX384-B/C2V7 VR =1V 20 µA BZX384-B/C3V0 VR =1V 10 µA BZX384-B/C3V3 VR =1V 5 µA BZX384-B/C3V6 VR =1V 5 µA BZX384-B/C3V9 VR =1V 3 µA BZX384-B/C4V3 VR =1V 3 µA BZX384-B/C4V7 VR =2V 3 µA BZX384-B/C5V1 VR =2V 2 µA BZX384-B/C5V6 VR =2V 1 µA BZX384-B/C6V2 VR =4V 3 µA BZX384-B/C6V8 VR =4V 2 µA BZX384-B/C7V5 VR =5V 1 µA BZX384-B/C8V2 VR = 5 V 700 nA BZX384-B/C9V1 VR = 6 V 500 nA BZX384-B/C10 VR = 7 V 200 nA BZX384-B/C11 VR = 8 V 100 nA BZX384-B/C12 VR = 8 V 100 nA BZX384-B/C13 VR = 8 V 100 nA BZX384-B/C15 to 75 VR = 0.7VZnom 50 nA |
Similar Part No. - BZX384-C5V6 |
|
Similar Description - BZX384-C5V6 |