Electronic Components Datasheet Search |
|
ISPLSI2064V Datasheet(PDF) 3 Page - Lattice Semiconductor |
|
ISPLSI2064V Datasheet(HTML) 3 Page - Lattice Semiconductor |
3 / 14 page 3 Specifications ispLSI 2064V C SYMBOL Table 2-0006/2064V C PARAMETER I/O Capacitance 10 UNITS TYPICAL TEST CONDITIONS 1 2 10 Dedicated Input Capacitance pf pf V = 3.3V, V = 2.0V V = 3.3V, V = 2.0V CC CC I/O IN C Clock and Global Output Enable Capacitance 13 3 pf V = 3.3V, V = 2.0V CC Y Absolute Maximum Ratings 1 Supply Voltage Vcc ................................................... -0.5 to +5.6V Input Voltage Applied ..................................... -0.5 to +5.6V Off-State Output Voltage Applied .................. -0.5 to +5.6V Storage Temperature ..................................... -65 to 150 °C Case Temp. with Power Applied .................... -55 to 125 °C Max. Junction Temp. (TJ) with Power Applied ............ 150°C 1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications). DC Recommended Operating Condition Capacitance (TA=25 °C, f=1.0 MHz) Table 2-0008/2064V PARAMETER Data Retention MINIMUM MAXIMUM UNITS ispLSI Erase/Reprogram Cycles 20 10000 – – Years Cycles Data Retention Specifications TA = 0°C to + 70°C TA = -40°C to + 85°C SYMBOL Table 2-0005/2064V VCC VIH VIL PARAMETER Supply Voltage Input High Voltage Input Low Voltage MIN. MAX. UNITS 3.0 3.0 2.0 V – 0.5 3.6 3.6 5.25 0.8 V V V V SS Commercial Industrial |
Similar Part No. - ISPLSI2064V |
|
Similar Description - ISPLSI2064V |