Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U16-19-K Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B020-U16-19-K
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-U16-19-K Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B020-U16-19-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-U16-19-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-U16-19-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-U16-19-K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NetDirector 16-Port 1U Rack-Mount Console KVM
Switch with 19-in. LCD + 8 PS2/USB Combo
Cables
MODEL NUMBER: B020-U16-19-K
Control up to 16 computers with a single KVM switch with integrated console. This KVM switch is a smart
solution for secure and centralized server control that saves rack space and money.
Description
Tripp Lite’s B020-U16-19-K KVM Switch gives you a rack-mountable keyboard, LCD and touchpad in a
single console that occupies only 1U of rack space. Easy to install and use, it’s the optimal solution for
controlling up to 16 computers/servers. Increase the number of connected computers up to 264 by daisy-
chaining up to 31 B022-U08 KVM switches
The B020-U16-19-K has a built-in 19” LCD screen that supports video resolutions up to 1280 x 1024. You
can switch easily between the 16 ports using on-console push buttons, an on-screen display (OSD) or
keyboard hot key commands. Multi-level password security can be set up for an administrator and up to 4
local users to ensure only those with authorization can access the connected computers.
The eight included P778-series combo cable kits support both PS/2 and USB connections, so no adapters
are required. A console cable kit can be plugged into the rear of the unit to allow for connection of a Tripp
Lite B051-000 IP Remote Access Unit or an external console. A USB port on the front of the keyboard lets
you connect an external mouse, plus an external USB 1.1 port means you can add a peripheral that can
be shared across all connected servers. When not in use, the B020-U16-19-K stores neatly in a rack
drawer and pulls out when needed. This KVM console is compatible with all major operating systems.
Heavy-duty steel housing stands up to frequent use.
Features
Saves Space and Money
Combines a 16-port KVM switch, 19” LCD screen, full keyboard and touchpad in a 1U rack-mountable
drawer
q
Highlights
Occupies just 1U of space in a
rack-mountable drawer
q
19” LCD screen supports video
resolutions up to 1280 x 1024
q
Simplifies IT tasks with easy
switching between all 16 ports
q
Provides 2-level password
security (administrator and user)
q
Combo cables (included)
connect to PS/2 or USB servers
q
System Requirements
Computer with HD15 port, and
USB port or PS/2
keyboard/mouse ports
q
P778-006 USB/PS2 combo
KVM cable kit is required for
each connected
computer/server
q
Compatible with all major
operating systems
q
Power consumption: 120V,
60Hz, 28.5W; 230V, 50Hz,
29.1W
q
Package Includes
B020-U16-19-K 1U rackmount
console KVM switch with 19”
LCD
q
(x8) P778-006 6 ft. USB/PS2
combo KVM cable kits
q
USB/PS2 combo console cable
kit
q
RJ11 to DB9 firmware upgrade
cable
q
C13 to 5-15P power cord
q
Grounding wire
q
Rackmount hardware
q
1 / 4


Similar Part No. - B020-U16-19-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-U16-19-K ETC2-B020-U16-19-K Datasheet
523Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
More results

Similar Description - B020-U16-19-K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020U1619K TRIPPLITE-B020U1619K Datasheet
519Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD 8 PS2-USB Combo Cables
B020-U08-19-K TRIPPLITE-B020-U08-19-K Datasheet
175Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
B020-U08-19KTAA TRIPPLITE-B020-U08-19KTAA Datasheet
520Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables; TAA Compliant
B020U0819K TRIPPLITE-B020U0819K Datasheet
518Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB Combo Cables
logo
List of Unclassifed Man...
B020-U16-19-K ETC2-B020-U16-19-K Datasheet
523Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
   8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
logo
Tripp Lite. All Rights ...
B020U0819KTAA TRIPPLITE-B020U0819KTAA Datasheet
518Kb / 3P
   TAA-Compliant NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com