Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B020-U08-19-K Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. B020-U08-19-K
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

B020-U08-19-K Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NetDirector 8-Port 1U Rack-Mount Console KVM
Switch with 19-in. LCD + 8 PS2/USB Combo
Cables
MODEL NUMBER: B020-U08-19-K
Control up to 8 computers with a single KVM switch with integrated console. This KVM switch is a smart
solution for secure and centralized server control that saves rack space and money.
Description
Tripp Lite’s B020-U08-19-K KVM Switch gives you a rack-mountable keyboard, LCD and touchpad in a
single console that occupies only 1U of rack space. Easy to install and use, it’s the optimal solution for
controlling up to 8 computers/servers. Increase the number of connected computers up to 256 by daisy-
chaining up to 31 B022-U08 KVM switches
The B020-U08-19-K has a built-in 19” LCD screen that supports video resolutions up to 1280 x 1024. You
can switch easily between the 8 ports using on-console push buttons, an on-screen display (OSD) or
keyboard hot key commands. Multi-level password security can be set up for an administrator and up to 4
local users to ensure only those with authorization can access the connected computers.
The eight included P778-series combo cable kits support both PS/2 and USB connections, so no adapters
are required. A console cable kit can be plugged into the rear of the unit to allow for connection of a Tripp
Lite B051-000 IP Remote Access Unit or an external console. A USB port on the front of the keyboard lets
you connect an external mouse, plus an external USB 1.1 port means you can add a peripheral that can
be shared across all connected servers. When not in use, the B020-U08-19-K stores neatly in a rack
drawer and pulls out when needed. This KVM console is compatible with all major operating systems.
Heavy-duty steel housing stands up to frequent use.
Features
Saves Space and Money
Combines an 8-port KVM switch, 19” LCD screen, full keyboard and touchpad in a 1U rack-mountable
q
Highlights
Occupies just 1U of space in a
rack-mountable drawer
q
19” LCD screen supports video
resolutions up to 1280 x 1024
q
Simplifies IT tasks with easy
switching between all 8 ports
q
Provides 2-level password
security (administrator and user)
q
Combo cables (included)
connect to PS/2 or USB servers
q
System Requirements
Computer with HD15 port, and
USB port or PS/2
keyboard/mouse ports
q
P778-006 USB/PS2 combo
KVM cable kit is required for
each connected
computer/server
q
Compatible with all major
operating systems
q
Power consumption: 120V,
60Hz, 28.5W; 230V, 50Hz,
29.1W
q
Package Includes
B020-U08-19-K 1U rackmount
console KVM switch with 19”
LCD
q
(x8) P778-006 6 ft. USB/PS2
combo KVM cable kits
q
USB/PS2 combo console cable
kit
q
RJ11 to DB9 firmware upgrade
cable
q
C13 to 5-15P power cord
q
Grounding wire
q
Rackmount hardware
q
1 / 4


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn