Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U08-19-K Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B020-U08-19-K
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-U08-19-K Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B020-U08-19-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Console
Yes
Max CPU
8
INPUT
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 115V AC; 120V AC; 127V AC; 140V AC; 200V AC; 208V AC; 220V AC; 230V AC; 240V AC
Input Frequency
50/60Hz
Input Current
120V (0.8A) / 230V (0.4A)
PHYSICAL
Shipping Dimensions (hwd / in.)
5.00 x 26.10 x 32.50
Shipping Dimensions (hwd / cm)
12.70 x 66.29 x 82.55
Shipping Weight (lbs.)
43.00
Shipping Weight (kg)
19.50
Unit Dimensions (hwd / in.)
1.75 x 17 x 27
Unit Dimensions (hwd / cm)
4.45 x 43.18 x 68.58
Unit Weight (lbs.)
30.6
Unit Weight (kg)
13.88
Included Mounting Accessories
Yes
Color
Black
LCD Monitor (in.)
19
LCD Monitor (cm)
48.26
ENVIRONMENTAL
Storage Temperature Range
-4 Degrees F to 140 degrees F (-20 to +60 C)
Relative Humidity
0 to 80% RH, Non-condensing
Operating Temperature
32 Degrees F to 120 Degrees F (0 to 50 C)
COMMUNICATIONS
Port Control
Push Buttons, Hotkeys, OSD
IP Remote Access
No
CONNECTIONS
Ports
8
Computer/Server Ports
(x8) HD18 (Female)
Firmware Upgrade Port
RJ45
PC/Server Connections
PS/2; USB; VGA
Included Cable (Side A) - Connector
1
HD18 Male
3 / 4


Similar Part No. - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
   8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
More results

Similar Description - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-U16-19-K TRIPPLITE-B020-U16-19-K Datasheet
175Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
B020-U08-19KTAA TRIPPLITE-B020-U08-19KTAA Datasheet
520Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables; TAA Compliant
B020U1619K TRIPPLITE-B020U1619K Datasheet
519Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD 8 PS2-USB Combo Cables
B020U0819K TRIPPLITE-B020U0819K Datasheet
518Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB Combo Cables
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
   8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
B020-U16-19-K ETC2-B020-U16-19-K Datasheet
523Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
logo
Tripp Lite. All Rights ...
B020U0819KTAA TRIPPLITE-B020U0819KTAA Datasheet
518Kb / 3P
   TAA-Compliant NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com