Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD74111 Datasheet(PDF) 17 Page - Analog Devices

Part # AD74111
Description  Low Cost, Low Power Mono Audio Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD74111 Datasheet HTML 12Page - Analog Devices AD74111 Datasheet HTML 13Page - Analog Devices AD74111 Datasheet HTML 14Page - Analog Devices AD74111 Datasheet HTML 15Page - Analog Devices AD74111 Datasheet HTML 16Page - Analog Devices AD74111 Datasheet HTML 17Page - Analog Devices AD74111 Datasheet HTML 18Page - Analog Devices AD74111 Datasheet HTML 19Page - Analog Devices AD74111 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD74111
–17–
Table X. Control Register E
ADCL Peak
ADC
DAC
R/W
ADDRESS
RES
Reserved
Enable
ADC Gain
Mute
Mute
15
14, 13, 12, 11
10
9, 8, 7, 6
5
4, 3, 2
1
0
1
0100
0
0
0 = Disabled
000 = 0 dB
0 = Normal
0 = Normal
1 = Peak Enable
001 = 3 dB
1 = Mute
1 = Mute
010 = 6 dB
011 = 9 dB
1XX = 12 dB
Function
Table XI. Control Register F
R/W
ADDRESS
RES
Reserved
ADC Input Peak Level
15
14, 13, 12, 11
10
9, 8, 7, 6
5, 4, 3, 2, 1, 0
000000 = 0 dBFS
000001 = –1 dBFS
0
0101
0
0
000010 = –2 dBFS
111110 = –62 dBFS
111111 = –63 dBFS
Function
Table XII. Control Register G
R/W
ADDRESS
RES
DAC Volume
15
14, 13, 12, 11
10
9, 8, 7, 6, 5, 4, 3, 2, 1, 0
0000000000 = 0 dBFS
0000000001 = (1023/1024) dBFS
1
0110
0
0000000010 = (1022/1024) dBFS
1111111110 = (2/1024) dBFS
1111111111 = Mute
Function


Similar Part No. - AD74111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRU AD-AD74111YRU Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRU AD-AD74111YRU Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results

Similar Description - AD74111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
   Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
   High Performance and Low Power Mono Audio CODEC
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
[Old version datasheet]   Automotive, Low-Power, 96-kHz, Mono Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com