Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF0098A Datasheet(PDF) 12 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0098A
Description  SAW DPX 1950/2140MHz 60MHz BW Single type SMD 2.0횞1.6 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0098A Datasheet(HTML) 12 Page - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TF0098A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 11Page - TAI-SAW TECHNOLOGY CO., LTD. TF0098A Datasheet HTML 12Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
12
TST DCC
Release document
G. RECOMMENDED REFLOW PROFILE:


Similar Part No. - TF0098A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0090A TAI-SAW-TF0090A Datasheet
326Kb / 12P
   Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
TF0091A TAI-SAW-TF0091A Datasheet
323Kb / 12P
   Duplexer 782/751MHz 10MHz BW SMD 2.0횞1.6 mm
TF0091A TAI-SAW-TF0091A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
TF0092A TAI-SAW-TF0092A Datasheet
328Kb / 14P
   SAW DPX 710/740MHz LTE Band 17 SMD 2016 (12MHz BW)
TF0093A TAI-SAW-TF0093A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TF0098A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0088A TAI-SAW-TF0088A Datasheet
324Kb / 13P
   Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
TF0228AA0033 TAI-SAW-TF0228AA0033 Datasheet
1Mb / 12P
   SAW Duplexer 1950/2140MHz BW 60/60MHz SMD 1.6x1.2mm
REV. NO.:1.0
TA1698A TAI-SAW-TA1698A Datasheet
433Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
TA1699A TAI-SAW-TA1699A Datasheet
254Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.1X0.9 mm
TF0065A TAI-SAW-TF0065A Datasheet
279Kb / 7P
   SAW Duplexer 1950/2140MHz SMD 2.5횞2.0 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1699D TAI-SAW-TA1699D Datasheet
447Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1845A TAI-SAW-TA1845A Datasheet
553Kb / 9P
   SAW Filter 2140MHz 60MHz BW Band 4 Rx SMD 1.1x0.9 mm
TF0120DB TAI-SAW-TF0120DB Datasheet
462Kb / 13P
   SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0104B TAI-SAW-TF0104B Datasheet
650Kb / 13P
   SAW DPX1950/2140MHz LTE Band 1 SMD 2016 (60MHz BW)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com