Electronic Components Datasheet Search |
|
HCPL-2601SD Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
HCPL-2601SD Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 12 page ©2005 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com July 2005 Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3 Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 High Speed-10 MBit/s Logic Gate Optocouplers Features ■ Very high speed-10 MBit/s ■ Superior CMR-10 kV/µs ■ Double working voltage-480V ■ Fan-out of 8 over -40°C to +85°C ■ Logic gate output ■ Strobable output ■ Wired OR-open collector ■ U.L. recognized (File # E90700) Applications ■ Ground loop elimination ■ LSTTL to TTL, LSTTL or 5-volt CMOS ■ Line receiver, data transmission ■ Data multiplexing ■ Switching power supplies ■ Pulse transformer replacement ■ Computer-peripheral interface Description The 6N137, HCPL-2601/2611 single-channel and HCPL-2630/ 2631 dual-channel optocouplers consist of a 850 nm AlGaAS LED, optically coupled to a very high speed integrated photo- detector logic gate with a strobable output. This output features an open collector, thereby permitting wired OR outputs. The coupled parameters are guaranteed over the temperature range of -40°C to +85°C. A maximum input signal of 5 mA will provide a minimum output sink current of 13mA (fan out of 8). An internal noise shield provides superior common mode rejec- tion of typically 10kV/µs. The HCPL- 2601 and HCPL- 2631 has a minimum CMR of 5 kV/µs. The HCPL-2611 has a minimum CMR of 10 kV/µs. PackageSchematic Truth Table (Positive Logic) A 0.1µF bypass capacitor must be connected between pins 8 and 5. (See note 1) 8 8 1 8 1 1 1 2 3 4 5 6 7 8 N/C _ V CC V E V O GND + N/C V F 1 2 3 4 5 6 7 8 + _ V F1 V CC V 01 V 02 GND V F2 _ + HCPL-2630 HCPL-2631 6N137 HCPL-2601 HCPL-2611 Input Enable Output H H L L H H H L H L L H H NC L L NC H |
Similar Part No. - HCPL-2601SD |
|
Similar Description - HCPL-2601SD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |