Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2601SD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HCPL-2601SD
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2601SD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL-2601SD Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2601SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
Transfer Characteristics (TA = -40 to +85°C Unless otherwise specified)
Isolation Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
** All Typicals at VCC = 5V, TA = 25°C
NOTES
1.
The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid
tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and
GND pins of each device.
2.
Each channel.
3.
Enable Input - No pull up resistor required as the device has an internal pull up resistor.
4.
tPLH -Propagation delay is measured from the 3.75 mA level on the HIGH to LOW transition of the input current pulse to the 1.5 V
level on the LOW to HIGH transition of the output voltage pulse.
5.
tPHL -Propagation delay is measured from the 3.75 mA level on the LOW to HIGH transition of the input current pulse to the 1.5 V
level on the HIGH to LOW transition of the output voltage pulse.
6.
tr -Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
7.
tf -Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
8.
tELH -Enable input propagation delay is measured from the 1.5 V level on the HIGH to LOW transition of the input voltage pulse to
the 1.5 V level on the LOW to HIGH transition of the output voltage pulse.
9.
tEHL -Enable input propagation delay is measured from the 1.5 V level on the LOW to HIGH transition of the input voltage pulse to
the 1.5 V level on the HIGH to LOW transition of the output voltage pulse.
10. CMH -The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high state (i.e., VOUT
> 2.0 V). Measured in volts per microsecond (V/µs).
11. CML -The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the low output state (i.e.,
VOUT < 0.8 V). Measured in volts per microsecond (V/µs).
12. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together.
DC Characteristics
Test Conditions Symbol
Min
Typ**
Max
Unit
High Level Output Current
(VCC = 5.5 V, VO = 5.5 V)
(IF = 250 µA, VE = 2.0 V) (Note 2)
IOH
100
µA
Low Level Output Current
(VCC = 5.5 V, IF = 5 mA)
(VE = 2.0 V, ICL = 13 mA) (Note 2)
VOL
.35
0.6
V
Input Threshold Current
(VCC = 5.5 V, VO = 0.6 V,
VE = 2.0 V, IOL = 13 mA)
IFT
3
5
mA
Characteristics
Test Conditions Symbol
Min
Typ**
Max
Unit
Input-Output
Insulation Leakage
Current
(Relative humidity = 45%)
(TA = 25°C, t = 5 s)
(VI-O = 3000 VDC)
(Note 12)
II-O
1.0*
µA
Withstand Insulation Test Voltage
(RH < 50%, TA = 25°C)
(Note 12) ( t = 1 min.)
VISO
2500
VRMS
Resistance (Input to Output)
(VI-O = 500 V) (Note 12)
RI-O
1012
Capacitance (Input to Output)
(f = 1 MHz) (Note 12)
CI-O
0.6
pF


Similar Part No. - HCPL-2601SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601SD FAIRCHILD-HCPL-2601SD Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601SDV FAIRCHILD-HCPL-2601SDV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL-2601SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com