Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS300-CSV3A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS300-CSV3A
Description  300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICS300-CSV3A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS300-CSV3A Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS300-CSV3A Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS300-CSV3A Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS300-CSV3A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL SPECIFICATIONS
26
ELECTRICAL
Input Voltage
12 VDC or 24 VAC (
±10%)
Camera
<3 watts
Heaters
10 watts when active; thermostati-
cally controlled
Video Connector
BNC
GENERAL
Pan/Tilt Adjustment
Manual
180
° pan; 180° tilt
Construction
Aluminum base and cover, steel
camera mounting bracket
Environmental
Environment
Low temperature, indoor/outdoor
Operating Temperature
-50
° to 122°F (-46° to 50°C);
de-ices at -10
°F (-23°C)
Thermostat Operation
Heater is thermostatically
controlled to activate
ON at 50
°F (10°C) and
OFF at 80
°F (27°C)
PHYSICAL
Finish
Gray polyester powder coat
Dimensions
Camclosure
2.71 (diameter) x 7.79 (L) inches
(6.88 x 19.79 cm)
Sun Shroud
2.60 (H) x 6.13 (L) inches
(5.23 x 15.57 cm)
Snap fit design mounts sun shroud
to enclosure
Unit Weight
1.45 lb (0.66 kg)
Shipping Weight
2.0 lb (0.90 kg)
CERTIFICATIONS/RATINGS
x
CE and FCC, Class A (models with monochrome cameras
only, excluding auto iris models)
x
CE and FCC, Class B (models with color cameras only,
excluding auto iris models)
x
UL listed to Standard 2044
x
cUL to CSA C22.2 No.1
x
Meets IP66 when installed properly
x
Meets NEMA 4X when installed properly, includes:
– Corrosion protection test; NEMA 250, Section 6.9
(exceeds IEC 68-2-11)
– Rust resistance test; NEMA 250, Section 6.8
– Hose down test; NEMA 250, Section 6.7
– Exceeds SAE J1211 dust test
x
Tested in accordance with MIL-STD 810E as follows:
– Shock test; Section 516.4 (exceeds IEC 68-2-27)
– Humidity test; Sections 520.1 and 507.3 (exceeds IEC
68-2-30)
– Vibration test, Section 514.4 (exceeds IEC 68-2-6)
x
ASTM Shipping Standard
x
ISTA Shipping Standard
All tests are performed in accordance with ISO Guide 25
and ANSI/NCSL Z540-1
WINDOW VIEW
BASE VIEW
NOTE: VALUES IN PARENTHESES ARE CENTIMETERS;
ALL OTHERS ARE INCHES.
2.00
(5.08)
1.30
(3.30)
3.48
(8.84)
2.76
(7.01)
7.40
(18.79)
5.18
(13.20)
2.21
(5.61)
3.00
(7.62)
1.31
(3.32)


Similar Part No. - ICS300-CSV3A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS300 ICST-ICS300 Datasheet
64Kb / 4P
   QTClock??Quick Turn Clock Synthesizer
ICS3002AI01L ICST-ICS3002AI01L Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS3002AI40 IDT-ICS3002AI40 Datasheet
3Mb / 23P
   175MHZ, FEMTOCLOCKTM VCXO BASED SONET/SDH JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS300M ICST-ICS300M Datasheet
64Kb / 4P
   QTClock??Quick Turn Clock Synthesizer
ICS300MT ICST-ICS300MT Datasheet
64Kb / 4P
   QTClock??Quick Turn Clock Synthesizer
More results

Similar Description - ICS300-CSV3A

ManufacturerPart #DatasheetDescription
logo
SICK AG
VLC100-0201000 SICK-VLC100-0201000 Datasheet
820Kb / 6P
   Camera system
logo
Winbond
W99685FS WINBOND-W99685FS Datasheet
279Kb / 22P
   SYSTEM CAMERA DEVICE
W99685BS WINBOND-W99685BS Datasheet
253Kb / 20P
   SYSTEM CAMERA DEVICE
logo
OmniVision Technologies...
OX01A10 OMNIVISION-OX01A10 Datasheet
671Kb / 2P
   Camera Monitoring System
logo
NXP Semiconductors
TC9200 PHILIPS-TC9200 Datasheet
153Kb / 4P
   Indoor Camera Mounts
1998
logo
A1 PROs co., Ltd.
AI1001S A1PROS-AI1001S Datasheet
66Kb / 8P
   Vertical Clock Driver for Camera System
Ver1.0
AI1002 A1PROS-AI1002 Datasheet
136Kb / 9P
   Vertical Clock Driver for Camera System
AI1003 A1PROS-AI1003 Datasheet
101Kb / 8P
   Vertical Clock Driver for Camera System
logo
Sony Corporation
CX23047A SONY-CX23047A Datasheet
534Kb / 10P
   CCD Camera Scanning System Timming Signal Generator
logo
Level One
BOH-1400 LVL1-BOH-1400_16 Datasheet
487Kb / 3P
   Camera PoE Outdoor Enclosure
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com