Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V1254L25L25PGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT77V1254L25L25PGI
Description  Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V1254L25L25PGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT77V1254L25L25PGI Datasheet HTML 6Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 7Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 8Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 9Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 10Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 11Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 12Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 13Page - Integrated Device Technology IDT77V1254L25L25PGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10 of 47
September 21, 2001
IDT77V1254L25
RXDATA2
74
RXDATA2
RXDATA2
P0_RD[2]
RXDATA1
75
RXDATA1
RXDATA1
P0_RD[1]
RXDATA0
76
RXDATA0
RXDATA0
P0_RD[0]
GND
77
VDD
78
RXLED0
79
RXLED1
80
RXLED2
81
RXLED3
82
GND
83
VDD
84
INT
85
GND
86
RST
87
WR
88
RD
89
CS
90
ALE
91
VDD
92
AD0
93
AD1
94
AD2
95
AD3
96
GND
97
AD4
98
AD5
99
AD6
100
AD7
101
SE
102
DA
103
VDD
104
TX3-
105
TX3+
106
GND
107
VDD
108
TX2-
109
TX2+
110
SIGNAL NAME
PIN NUMBER
16-BIT UTOPIA 2
MODE[1,0] = 00
8-BIT UTOPIA 1
MODE[1,0] = 01
DPI
MODE[1,0] = 10
Table 2 Signal Assignment as a Function of PHY/ATM Interface Mode (Part 3 of 4)


Similar Part No. - IDT77V1254L25L25PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1253L25PGI IDT-IDT77V1253L25PGI Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
More results

Similar Description - IDT77V1254L25L25PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
PMC-Sierra, Inc
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
   Quad Channel OC-12c ATM and POS Physical Layer Device
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
   Quad 155 Mb/s ATM Physical Layer Device
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
   Quad 155 Mb/s ATM Physical Layer Device
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
   LOCAL ATM SAR & PHYSICAL LAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com