Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4313B-AFL Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # U4313B-AFL
Description  Low-Current Superhet Remote Control Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4313B-AFL Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button U4313B-AFL Datasheet HTML 6Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 7Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 8Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 9Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 10Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 11Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 12Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 13Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 14Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TELEFUNKEN Semiconductors
U4313B
Rev. A1: 23.06.1995
11 (14)
16
15
14
13
12
3
4
12
11
10
56
7
9
8
R8
R10
C11
C10
C9
R9
C8
VS
Wake up
out
C4
C3
R1
R2
8.2 k
W
30 k
W
C1
10 nF
1.5 nF
100 k
W
100 k
W
100 nF
100 nF
22 pF
56
W
300
W
100 k
W
10 nF
R12
C12
100 k
W 220 nF
C6
220 nF
R4
R13
100 k
W
10 k
W
C5
220 nF
R7
220 k
W
Wake up
22 k
W
R3
Data filter
output
R11
10 k
W
Comparator
output
IF input
R5
Filter
R14
22 k
W
R15
22 k
W
C2
100 nF
C7
R6
10
mF
10
mF
TOKO A119ACS-19000Z
(L = 2.2
mH, C = 100 pF)
Figure 26. FM test circuit with 2 kHz Bessel low pass data filter
–70
–60
–50
–40
–30
–20
–10
0
10
0
2040
6080
100
IF-input level ( d
mBV )
95 10291
S + N
N
Figure 27. Signal to noise ratio FM; deviation 22.5 kHz
0
0.5
1.0
1.5
2.0
2.5
10.3
10.5
10.7
10.9
11.1
Frequency ( MHz )
95 10290
C10 = 22 pF
C10 = 47 pF
Figure 28. FM-discriminator characteristic


Similar Part No. - U4313B-AFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U431 VISHAY-U431 Datasheet
53Kb / 6P
   Matched N-Channel Pairs
Rev. E, 04-Jun-01
logo
TEMIC Semiconductors
U4311B TEMIC-U4311B Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-C TEMIC-U4311B-C Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-CFL TEMIC-U4311B-CFL Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
More results

Similar Description - U4313B-AFL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4311B TEMIC-U4311B Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
ADTech
ADT2550FXX ADTECH-ADT2550FXX Datasheet
38Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2550SXX ADTECH-ADT2550SXX Datasheet
30Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2689FXX ADTECH-ADT2689FXX Datasheet
30Kb / 1P
   High quality low current receiver IC infrared remote control system
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com