Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4313B-AFL Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # U4313B-AFL
Description  Low-Current Superhet Remote Control Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4313B-AFL Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button U4313B-AFL Datasheet HTML 5Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 6Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 7Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 8Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 9Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 10Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 11Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 12Page - TEMIC Semiconductors U4313B-AFL Datasheet HTML 13Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TELEFUNKEN Semiconductors
U4313B
Rev. A1: 23.06.1995
9 (14)
15
20
25
30
35
0
0.001
0.002
0.003
0.004
0.005
Time ( ms )
40
95 10333
800
900
1000
1100
1200
1400
1300
Output
Input
Figure 20. Time domain response of 2 kHz Bessel low pass data filter
6
8
10
12
14
0
20
40
60
80
100
IF frequency ( MHz )
16
95 10332
100 dB
mV
70 dB
mV
50 dB
mV
30 dB
mV
Figure 21. IF-frequency response
0.01
0.1
1
10
–40
–20
–10
0
Frequency ( kHz )
100
95 10334
–30
Figure 22. Frequency response of 2 kHz Bessel
low pass data filter
Data Recovering Filter
The test circuit in figures 23 and 26 includes an example
of a data recovering filter realized with the components
R1, R2, C1, C2, C3. It is of a second order Bessel type with
low pass characteristic, a 3 dB cut-off frequency of 2 kHz
and an additional high pass characteristic for suppressing
dc and low frequency ac components. Simulation of time
domain and frequency response is drawn in figures 20 and
22. This filter gives a typical application of a 1 kBaud
Manchester code amplitude modulated transmission.
The capacitor C2 is responsible for the high pass cut-off
frequency. For a correct pulse response this high pass cut-
off frequency should be as low as possible. Figure 20
shows the transient response and the influence of the dc
component. The first pulses might be wrong if the high
pass cut-off frequency is too low. For this reason some
burst bits must be transmitted before the real data trans-
mission starts. On the other hand, if the cut-off frequency
is too high, you might get in trouble with roof shaping of
the rectangle pulses at the operational amplifier output.
The low pass cut-off frequency and the maximum trans-
impedance Vout/Iin are distinguished by the further
external elements. Careful design of the data filter gives
optimized transmission range. For designing other filter
parameters look for filter design handbooks or programs
or request TEMIC TELEFUNKEN microelectronic
GmbH for support. Some proposals can be found in the
application notes ANT012, ANT013 and ANT015.


Similar Part No. - U4313B-AFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U431 VISHAY-U431 Datasheet
53Kb / 6P
   Matched N-Channel Pairs
Rev. E, 04-Jun-01
logo
TEMIC Semiconductors
U4311B TEMIC-U4311B Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-C TEMIC-U4311B-C Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
U4311B-CFL TEMIC-U4311B-CFL Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
More results

Similar Description - U4313B-AFL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4311B TEMIC-U4311B Datasheet
167Kb / 14P
   Low-current Superhet Remote Control Receiver
logo
ATMEL Corporation
U4311B-FS ATMEL-U4311B-FS Datasheet
86Kb / 13P
   Low-Current Superhet Remote Control Receiver
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
ADTech
ADT2550FXX ADTECH-ADT2550FXX Datasheet
38Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2550SXX ADTECH-ADT2550SXX Datasheet
30Kb / 1P
   Miniaturized low current receiver IC for infrared remote control system
ADT2689FXX ADTECH-ADT2689FXX Datasheet
30Kb / 1P
   High quality low current receiver IC infrared remote control system
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com