Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G6B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. G6B
Description  Sub-miniature Relay that Switches up to 5 A
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

G6B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
66
PCB Power Relay – G6B
Characteristics
Contact resistance
30 mΩ max.
Operate (set) time
10 ms max. (mean value: 1-pole approx. 3 ms, 2-pole approx. 4 ms)
Release (reset) time
Single-side stable types: 10 ms max. (mean value: 1-pole approx. 1 ms, 2-pole approx. 2 ms)
Latching types: 10 ms max. (mean value: approx. 3 ms)
Min. set/reset signal width
Latching type: 15 ms min. (at 23˚C)
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical: 1,800 operations/hr (under rated load)
Insulation resistance
1,000 MΩ min. (at 500 VDC, at 250 VDC between set coil and reset coil)
Dielectric strength
3,000 VAC (Latching types: 2,000 VAC), 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
250 VAC, 50/60 Hz for 1 min between set and reset coils
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75mm single amplitude (1.5mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.75mm single amplitude (1.5mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: Single-side stable: 100 m/s2; Latching: 300 m/s2
Endurance
Mechanical: 50,000,000 operations min. (at 18,000 operations/hr)
Electrical: 100,000 operation min. (at 1,800 operations/hr)
Ambient temperature
Operating: -25°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Double-winding latching: Approx. 3.7 g
High-capacity: Approx. 4.6 g
Double pole: Approx. 4.5 g
Other: Approx. 3.5 g
Note: The data shown above are initial values.
Item
SPST-NO
SPST-NO + SPST-NC, DPST-NO, DPST-NC
Load
Resistive load
Inductive load
Resistive load
Inductive load
(cosø = 1)
(cosø = 0.4; L/R = 7 ms)
(cosø = 1)
(cosø = 0.4; L/R = 7 ms)
Rated load
5 A at 250 VAC;
2 A at 250 VAC;
5 A at 250 VAC;
1.5 A at 250 VAC;
5 A at 30 VDC
2 A at 30 VDC
5 A at 30 VDC
1.5 A at 30 VDC
Contact material
AgCdO (Cd free planned 1 Apr 05)
Rated carry current
5 A
Max. switching voltage
380 VAC, 125 VDC
Max. switching current
5 A
Max. switching power
1,250 VA, 150 W
500 VA, 60 W
1,250 VA, 150 W
375 VA, 80 W
Failure rate (reference value)
10 mA at 5 VDC
Contact Ratings
Item
SPST-NO (High-capacity)
Load
Resistive load (cosø = 1)
Inductive load (cosø = 0.4; L/R = 7 ms)
Rated load
8 A at 250 VAC; 5 A at 30 VDC
2 A at 250 VAC; 2 A at 30 VDC
Contact material
AgCdO
Rated carry current
8 A
Max. switching voltage
380 VAC, 125 VDC
Max. switching current
8 A
Max. switching power
2,000 VA, 150 W
Failure rate (reference value)
10 mA at 5 VDC
Note: P level:
λ60 = 0.1 x 10
-6/operation


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn