Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0838B Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC0838B
Description  A/D PERIPHERALS WITH SERIAL CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0838B Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC0838B Datasheet HTML 2Page - Texas Instruments ADC0838B Datasheet HTML 3Page - Texas Instruments ADC0838B Datasheet HTML 4Page - Texas Instruments ADC0838B Datasheet HTML 5Page - Texas Instruments ADC0838B Datasheet HTML 6Page - Texas Instruments ADC0838B Datasheet HTML 7Page - Texas Instruments ADC0838B Datasheet HTML 8Page - Texas Instruments ADC0838B Datasheet HTML 9Page - Texas Instruments ADC0838B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ADC0834A, ADC0838A, ADC0834B, ADC0838B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS007 – AUGUST 1985 – REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
ADC0838 MUX ADDRESS CONTROL LOGIC TABLE
MUX ADDRESS
SELECTED CHANNEL NUMBER
SGL/DIF
ODD/EVEN
SELECT
0
1
2
3
COM
SGL/DIF
ODD/EVEN
1
0
0
1
2
3
4
5
6
7
L
L
L
L
+
L
L
L
H
+–
L
L
H
L
+–
L
L
H
H
+–
L
H
L
L
+
L
H
L
H
–+
L
H
H
L
–+
L
H
H
H
–+
H
L
L
L
+
H
L
L
H
+–
H
L
H
L
+–
H
L
H
H
+–
H
H
L
L
+
H
H
L
H
+–
H
H
H
L
+–
H
H
H
H
+
H = high level, L = low level, – or + = polarity of selected input
absolute maximum ratings over recommended operating free-air temperature range (unless
otherwise noted)
Supply voltage, VCC (see Notes 1 and 2)
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: Logic
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog
– 0.3 V to VCC+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current: V+ input
15 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Any other input
±5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total input current for package
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: AC and BC suffixes
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AI and BI suffixes
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltage values, except differential voltages, are with respect to the network ground terminal.
2. Internal zener diodes are connected from the VCC input to ground and from the V+ input to ground. The breakdown voltage of each
zener diode is approximately 7 V. One zener diode can be used as a shunt regulator and connects to VCC through a regular diode.
When the voltage regulator powers the converter, this zener and regular diode combination ensures that the VCC input (6.4 V) is less
than the zener breakdown voltage. A series resist or is recommended to limit current into the V+ input.


Similar Part No. - ADC0838B

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ADC0838BCN MICRO-LINEAR-ADC0838BCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ADC0838BCV MICRO-LINEAR-ADC0838BCV Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0838BCV NSC-ADC0838BCV Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Similar Description - ADC0838B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
[Old version datasheet]   A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
   D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com