Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZK18 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZK18
Description  Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZK18 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZK18 Datasheet HTML 1Page - Renesas Technology Corp HZK18 Datasheet HTML 2Page - Renesas Technology Corp HZK18 Datasheet HTML 3Page - Renesas Technology Corp HZK18 Datasheet HTML 4Page - Renesas Technology Corp HZK18 Datasheet HTML 5Page - Renesas Technology Corp HZK18 Datasheet HTML 6Page - Renesas Technology Corp HZK18 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HZK Series
Rev.3.00, May.14.2003, page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
500
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
–55 to +175
°C
Note:
With P.C. Board.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
V
Z (V) *
Test
Condition
I
R
µµµA)
Test
Condition
r
d (Ω
Ω)
Test
Condition
Type
Grade
Min
Max
I
Z (mA)
Max
V
R (V)
Max
I
Z (mA)
HZK2
B
1.9
2.3
5
5
0.5
100
5
C2.2
2.6
HZK3
A
2.5
2.9
5
5
0.5
100
5
B2.8
3.2
C3.1
3.5
HZK4
A
3.4
3.8
5
5
1.0
100
5
B3.7
4.1
C4.0
4.4
HZK5
A
4.3
4.7
5
5
1.5
100
5
B4.6
5.0
C4.9
5.3
HZK6
A
5.2
5.7
5
5
2
40
5
B5.5
6.0
C5.8
6.4
HZK7
A
6.3
6.9
5
1
3.5
15
5
B6.7
7.3
C7.2
7.9
HZK9
A
7.7
8.5
5
1
5
20
5
B8.3
9.1
C8.9
9.7
Note:
Tested with DC.


Similar Part No. - HZK18

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
HZK18 SEMTECH_ELEC-HZK18 Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
EIC discrete Semiconduc...
HZK18 EIC-HZK18 Datasheet
219Kb / 3P
   ZENER DIODES
logo
Hitachi Semiconductor
HZK18L HITACHI-HZK18L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Renesas Technology Corp
HZK18L RENESAS-HZK18L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
EIC discrete Semiconduc...
HZK18L EIC-HZK18L Datasheet
141Kb / 3P
   High peak reverse power dissipation
More results

Similar Description - HZK18

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
SEMTECH ELECTRONICS LTD...
HZK2B SEMTECH_ELEC-HZK2B Datasheet
221Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES for Stabilized Power Supply
logo
Renesas Technology Corp
HZK-L RENESAS-HZK-L Datasheet
47Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
HZS-N RENESAS-HZS-N Datasheet
57Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com