Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5416258A Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM5416258A
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM5416258A Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/21
¡ Semiconductor
MSM5416258A
DC Characteristics
Input Leakage Current
Output High Voltage
Condition
Average Power
Supply Current
(Operating)
Power Supply
Current (Standby)
Output Low Voltage
Output Leakage Current
Average Power
Supply Current
(
RAS Only Refresh)
Parameter
IOH = –2.5 mA
IOL = 2.0 mA
DQi Disable
0 V £ VO £ 5.5 V
RAS, CAS Cycling,
tRC = Min.
RAS, CAS = VIH
RAS = Cycling,
CAS = VIH,
tRC = Min.
Max.
VCC
0.4
10
10
150
3
150
Min.
2.4
0
–10
–10
(VCC = 5.0 V ±0.5 V, Ta = 0°C to 70°C)
Note
1, 2
1
1, 2
Max.
VCC
0.4
10
10
140
3
140
Min.
2.4
0
–10
–10
Symbol
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
Unit
V
V
mA
mA
mA
mA
mA
MSM5416258A
-40
MSM5416258A
-45
Average Power
Supply Current
(Fast Page Mode)
RAS = VIL,
CAS Cycling,
tHPC = Min.
130
1, 3
115
ICC4
mA
Average Power
Supply Current
(
CAS before RAS Refresh)
RAS = Cycling,
CAS before RAS
150
1, 2
140
ICC5
mA
0 V £ VI £ VCC
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn