Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5416258A Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM5416258A
Description  262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM5416258A Datasheet(HTML) 2 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/21
¡ Semiconductor
MSM5416258A
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
21
22
44/40-Pin Plastic TSOP (
II)
(K Type)
20
VCC
DQ0
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
VSS*
NC
WE
RAS
NC
A0
A1
A3
VCC
A2
44
43
42
41
40
39
38
37
36
35
32
31
30
29
28
27
26
24
23
25
VSS
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
VSS*
LCAS
UCAS
OE
A8
A7
A6
A4
VSS
A5

Pin Name
Function
A0 - A8
Address Input
RAS
Row Address Strobe
LCAS, UCAS
Column Address Strobe
DQ0 - DQ15
Data - Input / Data - Output
WE
Write Enable
Output Enable
Power Supply (5.0 V)
Ground (0 V)
NC
No Connection
VCC
VSS
OE
Ground (0 V)
*
VSS*
Note: The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
*:
For improved signal integrity, it is recommended to connect the VSS* pins, pin 13 and pin 32,
to GND: the pins are electrically connected to internal GND.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn