Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3486 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 2 Page - Linear Technology

  LT3486 Datasheet HTML 1Page - Linear Technology LT3486 Datasheet HTML 2Page - Linear Technology LT3486 Datasheet HTML 3Page - Linear Technology LT3486 Datasheet HTML 4Page - Linear Technology LT3486 Datasheet HTML 5Page - Linear Technology LT3486 Datasheet HTML 6Page - Linear Technology LT3486 Datasheet HTML 7Page - Linear Technology LT3486 Datasheet HTML 8Page - Linear Technology LT3486 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3486
2
3486f
16
15
14
13
12
11
10
9
17
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
SW2
REF
OVP2
SHDN
VC2
FB2
CTRL2
PWM2
SW1
VIN
OVP1
RT
VC1
FB1
CTRL1
PWM1
Input Voltage (VIN) ...................................................25V
⎯S⎯H⎯D⎯N Voltage..........................................................25V
SW1, SW2 Voltages .................................................40V
OVP1, OVP2 Voltages...............................................40V
CTRL1, CTRL2 Voltages ...........................................10V
PWM1, PWM2 Voltages ...........................................10V
FB1, FB2 Voltages.....................................................10V
ORDER PART
NUMBER
DHC PART
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, VPWM1 = 3V, VPWM2 = 3V,
VSHDN = 3V, unless otherwise noted.
Operating Temperature Range (Note 2) ...– 40°C to 85°C
Storage Temperature Range
DFN ...................................................– 65°C to 125°C
TSSOP ............................................... –65°C to 150°C
Maximum Junction Temperature .......................... 125°C
Lead Temperature (Soldering, 10sec, TSSOP) ...... 300°C
ORDER PART
NUMBER
FE PART
MARKING
3486EFE
LT3486EFE
SW2
REF
OVP2
SHDN
VC2
FB2
CTRL2
PWM2
SW1
VIN
OVP1
RT
VC1
FB1
CTRL1
PWM1
FE PACKAGE
16-LEAD PLASTIC TSSOP
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
17
TJMAX = 125°C, θJA = 43°C/W, θJC = 4°C/W
TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LT3486EDHC
3486
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
24
V
Feedback Voltage (FB1, FB2)
194
200
206
mV
Offset between FB1 and FB2
VOS = |FB1-FB2|
0
3
6
mV
Feedback Pin Bias Current (FB1, FB2)
VFB1 = VFB2 = 0.2V (Note 3)
10
45
100
nA
Quiescent Current
VFB1 = VFB2 = 1V
9
14
mA
⎯S⎯H⎯D⎯N = 0V, CTRL1 = CTRL2 = 0V
0.1
1
µA
Switching Frequency
RT = 53.6k
0.75
1
1.25
MHz
Oscillator Frequency Range
(Note 4)
200
2000
kHz
Nominal RT Pin Voltage
RT = 53.6k
0.54
V
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS


Similar Part No. - LT3486

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3486 LINER-LT3486 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3486 LINER-LT3486 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3486 LINEAR_DIMENSIONS-LT3486 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3486

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
   50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3302 MPS-MP3302 Datasheet
263Kb / 12P
   40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3305 MPS-MP3305 Datasheet
294Kb / 11P
   36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
EV3310EQ-00A MPS-EV3310EQ-00A Datasheet
161Kb / 4P
   1.3A Step-up White LED Driver Evaluation Board
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
   Step-up White LED Driver with Dual PWM Dimming Input Control
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
   40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com