Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7310 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7310
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310 Datasheet(HTML) 5 Page - Analog Devices

  ADV7310 Datasheet HTML 1Page - Analog Devices ADV7310 Datasheet HTML 2Page - Analog Devices ADV7310 Datasheet HTML 3Page - Analog Devices ADV7310 Datasheet HTML 4Page - Analog Devices ADV7310 Datasheet HTML 5Page - Analog Devices ADV7310 Datasheet HTML 6Page - Analog Devices ADV7310 Datasheet HTML 7Page - Analog Devices ADV7310 Datasheet HTML 8Page - Analog Devices ADV7310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
REV. A
ADV7310/ADV7311
–5–
DYNAMIC SPECIFICATIONS (V
AA = 2.375 V–2.625 V, VDD = 2.375 V–2.625 V; VDD_IO = 2.375 V–3.6 V, VREF = 1.235 V, RSET =
3040
, RLOAD = 300
. All specifications TMIN to TMAX (0 C to 70 C), unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions
PROGRESSIVE SCAN MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
SNR
65.6
dB
Luma ramp unweighted
72
dB
Flat field full bandwidth
HDTV MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
STANDARD DEFINITION MODE
Hue Accuracy
0.2
o
Color Saturation Accuracy
0.20
%
Chroma Nonlinear Gain
0.84
±%Referenced to 40 IRE
Chroma Nonlinear Phase
–0.2
±o
Chroma/Luma Intermodulation
0
±%
Chroma/Luma Gain Inequality
96.7
±%
Chroma/Luma Delay Inequality
–1.0
ns
Luminance Nonlinearity
0.2
±%
Chroma AM Noise
84
dB
Chroma PM Noise
75.3
dB
Differential Gain
0.25
%
NTSC
Differential Phase
0.2
o
NTSC
SNR
63.5
dB
Luma ramp
77.7
dB
Flat field full bandwidth
Specifications subject to change without notice.


Similar Part No. - ADV7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results

Similar Description - ADV7310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com