Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP451-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP451-Q1
Description  짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP451-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TMP451-Q1 Datasheet HTML 1Page - Texas Instruments TMP451-Q1 Datasheet HTML 2Page - Texas Instruments TMP451-Q1 Datasheet HTML 3Page - Texas Instruments TMP451-Q1 Datasheet HTML 4Page - Texas Instruments TMP451-Q1 Datasheet HTML 5Page - Texas Instruments TMP451-Q1 Datasheet HTML 6Page - Texas Instruments TMP451-Q1 Datasheet HTML 7Page - Texas Instruments TMP451-Q1 Datasheet HTML 8Page - Texas Instruments TMP451-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
DXP
DXN
SCL
SDA
THERM
GND
V+
ALERT / THERM2
Processor or
ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
TMP451-Q1
1.7V to 3.6V
1.7V to 3.6V
Built-in Thermal
Transistor/Diode
Overtemperature Shutdown
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP451-Q1
SLOS877A – OCTOBER 2014 – REVISED JANUARY 2019
TMP451-Q1 ±1°C remote and local temperature sensor with η-factor and offset correction,
series-resistance cancellation, and programmable digital filter
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
±1°C Accuracy for Local and Remote Diode
Sensors
0.0625°C Resolution for Local and Remote
Channels
1.7-V to 3.6-V Supply and Logic Voltage Range
27-µA Operating Current, 3-µA Shutdown Current
Series Resistance Cancellation
η-Factor and Offset Correction
Programmable Digital Filter
Diode Fault Detection
Two-Wire and SMBus™ Serial Interface
8-Pin WSON (WDFN) Package
2 Applications
Automotive Infotainment Systems
ECU Processor Temperature Monitoring
TCM Processor Temperature Monitoring
BCM Processor Temperature Monitoring
LED Headlight Thermal Control
3 Description
The TMP451-Q1 device is a high-accuracy, low-
power remote temperature sensor monitor with a
built-in
local
temperature
sensor.
The
remote
temperature sensors are typically low-cost discrete
NPN
or
PNP
transistors,
or
substrate
thermal
transistors or diodes that are integral parts of
microprocessors, microcontrollers, or FPGAs. The
temperature is represented as a 12-bit digital code for
both the local and the remote sensors, giving a
resolution of 0.0625°C. The temperature accuracy is
±1°C (maximum) in the typical operating range for the
local and the remote temperature sensors. The two-
wire
serial
interface
accepts
the
SMBus
communication protocol.
Advanced
features
such
as
series
resistance
cancellation, programmable nonideality factor (η-
factor),
programmable
offset,
programmable
temperature limits, and a programmable digital filter
are combined to provide a robust thermal monitoring
solution with improved accuracy and noise immunity.
The TMP451-Q1 device is ideal for multi-location,
high-accuracy
temperature
measurements
in
a
variety of automotive sub-systems. The device is
specified for operation over a supply voltage range of
1.7 V to 3.6 V and a temperature range of –40°C to
125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP451-Q1
WSON (8)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application


Similar Part No. - TMP451-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results

Similar Description - TMP451-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI-TMP451-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP442 TI-TMP442_15 Datasheet
1Mb / 29P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1_V02 Datasheet
1Mb / 37P
[Old version datasheet]   TMP451-Q1 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com