Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222A Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MSM5412222A
Description  262,214-Word x 12-Bit Field Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222A Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM5412222A Datasheet HTML 5Page - OKI electronic componets MSM5412222A Datasheet HTML 6Page - OKI electronic componets MSM5412222A Datasheet HTML 7Page - OKI electronic componets MSM5412222A Datasheet HTML 8Page - OKI electronic componets MSM5412222A Datasheet HTML 9Page - OKI electronic componets MSM5412222A Datasheet HTML 10Page - OKI electronic componets MSM5412222A Datasheet HTML 11Page - OKI electronic componets MSM5412222A Datasheet HTML 12Page - OKI electronic componets MSM5412222A Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
OKI Semiconductor
MSM5412222A
10
1. Input signal reference levels for the parameter measurement are VIH = 3.0 V and VIL= 0 V.
The transition time tT is defined to be a transition time that signal transfers between VIH =
3.0 V and VIL = 0 V.
2. AC measurements assume tT = 3 ns.
3. Read address must have more than a 600 address delay than write address in every cycle
when asynchronous read/write is performed.
4. Read must have more than a 600 address delay than write in order to read the data
written in a current series of write cycles which has been started at last write reset cycle:
this is called "new data read".
When read has less than a 70 address delay than write, the read data are the data written
in a previous series of write cycles which had been written before at last write reset cycle:
this is called "old data read".
5. When the read address delay is between more than 71 and less than 599, read data will
be undetermined. However, normal write is achieved in this address condition.
6. Outputs are measured with a load equivalent to 1 TTL load and 30 pF. Output reference
levels are VOH = 2.0 V and VOL = 0.8 V.
Notes:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn