Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222A Datasheet(PDF) 9 Page - OKI electronic componets

Part No. MSM5412222A
Description  262,214-Word x 12-Bit Field Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222A Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM5412222A Datasheet HTML 5Page - OKI electronic componets MSM5412222A Datasheet HTML 6Page - OKI electronic componets MSM5412222A Datasheet HTML 7Page - OKI electronic componets MSM5412222A Datasheet HTML 8Page - OKI electronic componets MSM5412222A Datasheet HTML 9Page - OKI electronic componets MSM5412222A Datasheet HTML 10Page - OKI electronic componets MSM5412222A Datasheet HTML 11Page - OKI electronic componets MSM5412222A Datasheet HTML 12Page - OKI electronic componets MSM5412222A Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
OKI Semiconductor
MSM5412222A
9
Min.
Max.
Min.
Max.
tAC
-
23
-
25
ns
tDDCK
6-
6
-
ns
tDECK
6236
25
ns
tWSWH
9-
12
-
ns
tWSWL
10
-
12
-
ns
tDS
2-
2
-
ns
tDH
4-
4
-
ns
tWENS
0-
0
-
ns
tWENH
3-
3
-
ns
tWDSS
0-
0
-
ns
tWDSH
3-
3
-
ns
tIENS
0-
0
-
ns
tIENH
3-
3
-
ns
tIDSS
0-
0
-
ns
tIDSH
3-
3
-
ns
tWWEH
5-
10
-
ns
tWWEL
5-
10
-
ns
tWIEH
5-
10
-
ns
tWIEL
5-
10
-
ns
tRSTWS
0-
0
-
ns
tRSTWH
3-
3
-
ns
tWSRH
9-
12
-
ns
tWSRL
10
-
12
-
ns
tRENS
0-
0
-
ns
tRENH
3-
3
-
ns
tRDSS
0-
0
-
ns
tRDSH
3-
3
-
ns
tOENS
0-
0
-
ns
tOENH
3-
3
-
ns
tODSS
0-
0
-
ns
tODSH
3-
3
-
ns
tOEZ
9179
17
ns
tWREH
5-
10
-
ns
tWREL
5-
10
-
ns
tWOEH
5-
10
-
ns
tWOEL
5-
10
-
ns
tRSTRS
0-
0
-
ns
tRSTRH
3-
3
-
ns
tSWC
25
-
30
-
ns
tSRC
25
-
30
-
ns
tT
3303
30
ns
RE Disable Hold Time
SRCK "L" Pulse Width
RE Enable Setup Time
RE Enable Hold Time
RE Disable Setup Time
IE "L" Pulse Width
RSTW Setup Time
RSTW Hold Time
SRCK "H" Pulse Width
IE Disable Hold Time
WE "H" Pulse Width
WE "L" Pulse Width
IE "H" Pulse Width
WE Disable Hold Time
IE Enable Setup Time
IE Enable Hold Time
IE Disable Setup Time
Input Data Hold Time
WE Enable Setup Time
WE Enable Hold Time
WE Disable Setup Time
DOUT Enable Time from SRCK
SWCK "H" Pulse Width
SWCK "L" Pulse Width
Input Data Setup Time
Parameter
Symbol
Access Time from SRCK
DOUT Hold Time from SRCK
RE "H" Pulse Width
RE "L" Pulse Width
OE "H" Pulse Width
OE Enable Setup Time
OE Enable Hold Time
OE Disable Setup Time
OE Disable Hold Time
Unit
SRCK Cycle Time
Transition Time(Rise and Fall)
MSM5412222A-25
MSM5412222A-30
OE "L" Pulse Width
RSTR Setup Time
RSTR Hold Time
SWCK Cycle Time
Output Buffer Turn-off Delay Time from OE
AC Characteristics
(Vcc=5V
F10%, Ta=0K to 70K)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn