Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222A Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM5412222A
Description  262,214-Word x 12-Bit Field Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222A Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM5412222A Datasheet HTML 4Page - OKI electronic componets MSM5412222A Datasheet HTML 5Page - OKI electronic componets MSM5412222A Datasheet HTML 6Page - OKI electronic componets MSM5412222A Datasheet HTML 7Page - OKI electronic componets MSM5412222A Datasheet HTML 8Page - OKI electronic componets MSM5412222A Datasheet HTML 9Page - OKI electronic componets MSM5412222A Datasheet HTML 10Page - OKI electronic componets MSM5412222A Datasheet HTML 11Page - OKI electronic componets MSM5412222A Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
OKI Semiconductor
MSM5412222A
8
Symbol
Unit
VT
V
IOS
mA
PD
W
TOPR
K
TSTG
K
Rating
50
Condition
at Ta=25
K,Vss
Ta=25
K
-
-1.0 to 7.0
Operating Temperature
Storage Temperature
Ta=25
K
1
0 to 70
-55 to 150
-
Parameter
Input Output Voltage
Output Current
Power Dissipation
Symbol
Unit
Vcc
V
Vss
V
VIH
V
VIL
V
0
Max.
5.5
0
Vcc+1
0.8
Typ.
5.0
0
Vcc
Input Low Voltage
Min.
4.5
0
2.4
-1.0
Parameter
Power Supply Voltage
Power Supply Voltage
Input High Voltage
Symbol
Min.
Max.
Unit
ILI
-10
10
uA
ILD
-10
10
uA
VOH
2.4
-
V
VOL
-0.4
V
ICC1
-90
mA
ICC2
-5
mA
Operating Current
Minimum Cycle Time,Output Open
Standby Current
Input Pin=VIH/VIL
IOL=2mA
Condition
0<VI<Vcc+1,Other Pins Tested at V=0V
0<Vo<Vcc
IOH=-1mA
Output "L" Level Voltage
Parameter
Input Leakage Current
Output Leakge Current
Output "H" Level Voltage
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended Operating Conditions
DC Characteristics
Capacitance
Symbol
Max.
Unit.
CI
7pF
CO
10
pF
Input Capacitance(DIN,SWCK,SRCK,RSTW,RSTR,WE,RE,IE,OE)
Output Capacitance(DOUT)
Parameter
(Ta=25
K 㺮ÊÅ÷¦


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn