Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222A Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSM5412222A
Description  262,214-Word x 12-Bit Field Memory
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222A Datasheet(HTML) 3 Page - OKI electronic componets

  MSM5412222A Datasheet HTML 1Page - OKI electronic componets MSM5412222A Datasheet HTML 2Page - OKI electronic componets MSM5412222A Datasheet HTML 3Page - OKI electronic componets MSM5412222A Datasheet HTML 4Page - OKI electronic componets MSM5412222A Datasheet HTML 5Page - OKI electronic componets MSM5412222A Datasheet HTML 6Page - OKI electronic componets MSM5412222A Datasheet HTML 7Page - OKI electronic componets MSM5412222A Datasheet HTML 8Page - OKI electronic componets MSM5412222A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
OKI Semiconductor
MSM5412222A
3
PIN CONFIGURATION(TOP VIEW)
Pin Name
Function
SWCK
SRCK
Serial Write Clock
Serial Read Clock
Write Enable
WE
RE
Read Enable
IE
Input Enable
OE
Output Enable
RSTW
Write Reset Clock
RSTR
Read Reset Clock
DIN0-11
Data Input
DOUT0-11
Data Output
Vcc
Vss
NC
Power Supply(5V)
Ground(0V)
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
33
34
32
31
30
29
28
27
26
25
24
23
22
21
Vss
NC
DIN11
DIN10
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
SWCK
RSTW
WE
IE
NC
Vcc
Vss
NC
DOUT11
DOUT10
DOUT9
DOUT8
DOUT7
DOUT6
DOUT5
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
SRCK
RSTR
RE
OE
Vss
Vcc
Vss
DOUT11
DOUT10
NC
DOUT9
DOUT8
DOUT7
DOUT6
NC
DOUT5
DOUT4
DOUT3
DOUT2
Vss
DOUT1
DOUT0
SRCK
RSTR
NC
RE
OE
Vcc
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
Vss
DIN11
DIN10
NC
DIN9
DIN8
DIN7
DIN6
NC
DIN5
DIN4
DIN3
DIN2
NC
DIN1
DIN0
SWCK
RSTW
NC
WE
IE
Vcc
40-PIN Plastic SOJ
44-PIN Plastic TSOP(
Œ)
(K Type)
NOTE:The same power supply voltage must be provided to every Vccpin, and the same GND
voltage level must be provided to every Vss pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn