Electronic Components Datasheet Search |
|
CAT5113VI-10TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor |
|
CAT5113VI-10TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor |
8 / 9 page 8 Doc. No. 2009, Rev. R CAT5113 ORDERING INFORMATION Notes: (1) The device used in the above example is a CAT5113 SI-10TE13 (SOIC, 10K Ohms, Industrial Temperature, Tape & Reel) Prefix Device # Suffix 5113 Product Number CAT Optional Company ID I TE13 Tape & Reel TE13 SOIC: 2000/Reel TSSOP: 2000/Reel MSOP: 2500/Reel -10 Resistance -01: 1kohms -10: 10kohms -50: 50kohms -00: 100kohms 5111: Buffered 5113: Unbuffered S Package P: PDIP S: SOIC U: TSSOP R: MSOP L: PDIP (Lead free, Halogen free) V: SOIC (Lead free, Halogen free) Y: TSSOP (Lead free, Halogen free) Z: MSOP (Lead free, Halogen free) |
Similar Part No. - CAT5113VI-10TE13 |
|
Similar Description - CAT5113VI-10TE13 |