Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM5412222 Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSM5412222
Description  262,214-Word x 12-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM5412222 Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
¡ Semiconductor
MSM5412222
3/15
PIN CONFIGURATION (TOP VIEW)
DIN11
DIN10
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
IE
NC
VCC
VSS
DOUT11
DOUT10
DOUT9
DOUT4
DOUT3
DOUT2
DOUT1
DOUT0
SRCK
RSTR
RE
OE
VSS
VCC
30
29
28
27
26
25
23
22
21
24
DOUT8
DOUT7
DOUT6
DOUT5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
34
33
32
31
38
37
36
35
VSS
DIN3
DIN2
DIN1
WE
RSTW
SWCK
DIN0
NC
NC
39
40
40-Pin Plastic SOJ

1
VSS
44-Pin Plastic TSOP (
II)
(K Type)
22
VCC
2
DIN11
3
DIN10
4
NC
5
DIN9
6
DIN8
7
DIN7
8
DIN6
9
NC
10
DIN5
13
DIN2
14
NC
15
DIN1
16
DIN0
17
SWCK
18
RSTW
19
NC
20
WE
21
IE
44 VSS
23 VCC
43 DOUT11
42 DOUT10
41 NC
40 DOUT9
39 DOUT8
38 DOUT7
37 DOUT6
36 NC
35 DOUT5
32 DOUT2
31 VSS
30 DOUT1
29 DOUT0
28 SRCK
27 RSTR
26 NC
25 RE
24 OE

11
DIN4
12
DIN3
34 DOUT4
33 DOUT3
SWCK
SRCK
WE
RE
IE
OE
RSTW
RSTR
DIN0 - 11
DOUT0 - 11
VCC
VSS
NC
Pin Name
Serial Write Clock
Serial Read Clock
Write Enable
Read Enable
Input Enable
Output Enable
Write Reset Clock
Read Reset Clock
Data Input
Data Output
Power Supply (5 V)
Ground (0 V)
No Connection
Function
Note: The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn