Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM534052E Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM534052E
Description  262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM534052E Datasheet(HTML) 6 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MSM534052E
6
CE
tC
OE
DOUT
tCE
tCHZ
tOE
Page Mode Read Cycle (Note4)
Address
A3 - A17
tPSET
DOUT
tACC
tPAC
tPAC
tPAC
tPC
tPC
tPC
Address
A0 - A2
Read Cycle (Note2)
(Note 3)
Note)
1. CE is low level.
2. Address is fixed before or at the same time when CE level falls.
3. tCHZ & tOHZ indicate the time until floating. They are not determined by the output level.
4. CE is low level and OE is low level.
I/O CAPACITANCE
Input Capacitance
Output Capacitance
Parameter
Symbol
CI
Unit
8
Typ.
Conditions
Min.
Max.
CO
pF
10
Rated Value
pF
VI=0V
VO=0V
tOHZ
(Note 3)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM538052E524 288-Words x 16-bit or 1 048 576-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V452D262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM53V1655F524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C452CZ262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM534002E262 144-Word x 16-Bit or 524 288-Word x 8-Bit MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM534022E262 144-Word x 16-Bit or 524 288-Word x 8-Bit MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM534032E262 144-Word x 16-Bit or 524 288-Word x 8-Bit MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402E262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM531652F1 048 576-Words x 16-bit or 2 097 152-Bytes x 8-bit MaskROM 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM531655E524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn