Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM534052E Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM534052E
Description  262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM534052E Datasheet(HTML) 5 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MSM534052E
5
Address
tC
OE
DOUT
tACC
tOE
tOH
AC CHARACTERISTICS
Test conditions
Parameter
Conditions
Input Signal Level
Transtion Time
Timing Reference Level
Load Condition
VIH=3.0V, VIL=0.0V
tr=tf=5ns
Input Voltage=1.5V
Output Voltage=0.8V&2.0V
CL=100pF+1TTL
Random Access Cycle time
Parameter
Symbol
Unit
Typ.
80
Conditions
Min.
Max.
ns
80
80
35
0
30
0
0
Read Cycle
Random Address Access time
Page Set up time
OE Access time
CE Output Disable time
OE Output Disable time
Output Hold time
ns
ns
ns
ns
ns
ns
Limits
(Ta = 0 to 70°C)
100
tC
tACC
tPSET
tOE
tCHZ
tOHZ
tOH
Page Access Cycle time
50
ns
50
80
Page Access time
CE Access time
ns
ns
tPC
tPAC
tCE
Read Cycle (Note1)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM538052E524 288-Words x 16-bit or 1 048 576-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V452D262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM53V1655F524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C452CZ262 144-Word x 16-Bit or 524 288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM534002E262 144-Word x 16-Bit or 524 288-Word x 8-Bit MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM534022E262 144-Word x 16-Bit or 524 288-Word x 8-Bit MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM534032E262 144-Word x 16-Bit or 524 288-Word x 8-Bit MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V402E262 144-Word x 16-Bit or 524 288-Word x 8-Bit One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM531652F1 048 576-Words x 16-bit or 2 097 152-Bytes x 8-bit MaskROM 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM531655E524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn