Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM534052E Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM534052E
Description  262,144-Words x 16-bit or 524,288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM534052E Datasheet(HTML) 4 Page - OKI electronic componets

  MSM534052E Datasheet HTML 1Page - OKI electronic componets MSM534052E Datasheet HTML 2Page - OKI electronic componets MSM534052E Datasheet HTML 3Page - OKI electronic componets MSM534052E Datasheet HTML 4Page - OKI electronic componets MSM534052E Datasheet HTML 5Page - OKI electronic componets MSM534052E Datasheet HTML 6Page - OKI electronic componets MSM534052E Datasheet HTML 7Page - OKI electronic componets MSM534052E Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MSM534052E
4
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM LIMITS
DC CHARACTERISTICS
Operating Temperature
Storage Temperature
Power Supply Voltage
Input Voltage
Output Voltage
Power Dissipation
Parameter
Symbol
Unit
Limits
Conditions
V
V
V
W
–0.3 to 7
–0.3 to VCC + 0.5
–0.3 to VCC + 0.5
0 to 70
–55 to 150
1.0
°C
°C
Per Package Topr = 25°C
to VSS
Topr
Tstg
VCC
VI
VO
PD
Power Supply Voltage
"H" Input Voltage
"L" Input Voltage
Parameter
Symbol
Unit
5.5
Typ.
4.5
Conditions
Min.
Max.
5.0
V
0.0
0.0
0.0
V
2.2
5.0
V
0.8
0.0
V
Operating Temperature
70
0
Limits
–0.3
°C
VCC
VSS
VIH
VIL
Topr
"H" Output Voltage
"L" Output Voltage
Parameter
Symbol
Unit
Typ.
2.4
Conditions
Min.
Max.
Power Supply Current
(Operating)
V
0.4
V
10
µA
80
mA
50
µA
500
µA
Input Leakage Current
Output Leakage Current
Power Supply Current
(Standby)
10
µA
Limits
(VCC = 5V±10%, Ta = 0 to 70°C)
IOH = –400µA
IOH = 2.1mA
–10
–10
——
——
CE = VCC–0.2V
CE = VIH MIN
VI = 0 to VCC
VO = 0 to VCC
CE = VIH MIN
CE = VIL, OE = VIH, tC = 100ns
VOH
ILI
ILO
ICC
ICCS
ICCS1
VOL
5.5


Similar Part No. - MSM534052E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM534001E OKI-MSM534001E Datasheet
66Kb / 8P
   524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534031E OKI-MSM534031E Datasheet
71Kb / 9P
   524,288-Word x 8-Bit MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
More results

Similar Description - MSM534052E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM538052E OKI-MSM538052E Datasheet
103Kb / 8P
   524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
MSM53V1655F OKI-MSM53V1655F Datasheet
103Kb / 8P
   524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM
MSM531652F OKI-MSM531652F Datasheet
102Kb / 8P
   1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
MSM534032E OKI-MSM534032E Datasheet
74Kb / 9P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534002E OKI-MSM534002E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM534022E OKI-MSM534022E Datasheet
70Kb / 8P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit MASKROM
MSM531655E OKI-MSM531655E Datasheet
103Kb / 8P
   524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM, 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM533202E OKI-MSM533202E Datasheet
97Kb / 8P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com