Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSJ18NF3LL Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSJ18NF3LL
Description  LOW GATE CHARGE STripFET II POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSJ18NF3LL Datasheet(HTML) 6 Page - STMicroelectronics

  STSJ18NF3LL Datasheet HTML 1Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 2Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 3Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 4Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 5Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 6Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 7Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 8Page - STMicroelectronics STSJ18NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STSJ18NF3LL
6/9
Fig.16: Gate Charge test Circuit
Fig. 17: Test Circuit For Diode Recovery Be-
haviour
Fig. 15 Switching Times Test Circuits For Re-
sistive Load


Similar Part No. - STSJ18NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
   N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
456Kb / 11P
   N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL_05 Datasheet
456Kb / 11P
   N-CHANNEL 30 V - 0.0032 ohm - 25 A PowerSO-8 STripFET III MOSFET FOR DC-DC CONVERSION
STSJ100NHS3LL STMICROELECTRONICS-STSJ100NHS3LL Datasheet
293Kb / 12P
   N-channel 30V - 0.0032ohm - 20A - PowerSO-8 STripFET III Power MOSFET plus monolithic schottky
More results

Similar Description - STSJ18NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8C5H30L STMICROELECTRONICS-STS8C5H30L Datasheet
442Kb / 11P
   LOW GATE CHARGE StripFET III MOSFET
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
   N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
   N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
   N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
STP40NF12 STMICROELECTRONICS-STP40NF12 Datasheet
283Kb / 8P
   N-CHANNEL 120V - 0.028W - 40A TO-220 LOW GATE CHARGE STripFET??II POWER MOSFET
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
   N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
   N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STB70NF3LL STMICROELECTRONICS-STB70NF3LL_06 Datasheet
465Kb / 13P
   N-channel 30V - 0.0075ohm - 70A - D2PAK Low gate charge STripFET TM II Power MOSFET
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com