Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1009 Datasheet(PDF) 21 Page - uPI Group Inc.

Part # UC1009
Description  I2C-Bus Interface Real-Time Clock Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UC1009 Datasheet(HTML) 21 Page - uPI Group Inc.

Back Button UC1009 Datasheet HTML 17Page - uPI Group Inc. UC1009 Datasheet HTML 18Page - uPI Group Inc. UC1009 Datasheet HTML 19Page - uPI Group Inc. UC1009 Datasheet HTML 20Page - uPI Group Inc. UC1009 Datasheet HTML 21Page - uPI Group Inc. UC1009 Datasheet HTML 22Page - uPI Group Inc. UC1009 Datasheet HTML 23Page - uPI Group Inc. UC1009 Datasheet HTML 24Page - uPI Group Inc. UC1009 Datasheet HTML 25Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
uC1009
Conceptual
21
uC1009-DS-C3100, Nov. 2012
www.upi-semi.com
Related registers for time update interrupt functions
s
s
e
r
d
d
An
o
i
t
c
n
u
F7
t
i
B6
t
i
B5
t
i
B4
t
i
B3
t
i
B2
t
i
B1
t
i
B0
t
i
B
Dr
e
t
s
i
g
e
R
n
o
i
s
n
e
t
x
ET
S
E
TA
D
A
WL
E
S
UE
T1
L
E
S
F0
L
E
S
F1
L
E
S
T0
L
E
S
T
Er
e
t
s
i
g
e
R
g
a
l
F
F
UF
TF
A
F
L
VT
E
D
V
Fr
e
t
s
i
g
e
R
l
o
r
t
n
o
C
E
I
UE
I
TE
I
A
T
E
S
E
R
*) “
” indicates write-protected bits. A zero is always read from these bits.
* Before entering settings for operations, we recommend writing a “0” to the UIE bit to prevent hardware interrupts
from occurring inadvertently while entering settings.
* When the RESET bit value is “1” time update interrupt events do not occur.
* Although the time update interrupt function cannot be fully stopped, if “0” is written to the UIE bit, the time update
interrupt function can be prevented from changing the /INT pin status to low.
1) USEL (Update Interrupt Select) bit
This bit is used to select “second” update or “minute” update as the timing for generation of time update interrupt events.
L
E
S
Ua
t
a
Dn
o
i
t
p
i
r
c
s
e
D
/
e
t
i
r
W
d
a
e
R
0
f
o
n
o
i
t
a
r
e
n
e
g
r
o
f
g
n
i
m
i
t
e
h
t
s
a
)
d
n
o
c
e
s
r
e
p
e
c
n
o
(
"
e
t
a
d
p
u
d
n
o
c
e
s
"
s
t
c
e
l
e
S
s
t
n
e
v
e
t
p
u
r
r
e
t
n
i
1
t
p
u
r
r
e
t
n
i
f
o
n
o
i
t
a
r
e
n
e
g
r
o
f
g
n
i
m
i
t
e
h
t
s
a
)
e
t
u
n
i
m
r
e
p
e
c
n
o
(
"
e
t
a
d
p
u
e
t
u
n
i
m
"
s
t
c
e
l
e
S
s
t
n
e
v
e
2) UF (Update Flag) bit
Once it has been set to “0”, this flag bit value changes from “0” to “1” when a time update interrupt event occurs.
When this flag bit = “1” its value is retained until a “0” is written to it.
F
Ua
t
a
Dn
o
i
t
p
i
r
c
s
e
D
e
t
i
r
W
0
n
o
i
t
c
e
t
e
d
s
u
t
a
t
s
t
x
e
n
e
h
t
r
o
f
e
r
a
p
e
r
p
o
t
o
r
e
z
o
t
d
e
r
a
e
l
c
s
i
t
i
b
F
U
e
h
T
d
e
r
a
e
l
c
e
b
o
t
s
u
t
a
t
s
t
u
p
t
u
o
w
o
l
T
N
I
/
e
h
t
e
l
b
a
n
e
t
o
n
s
e
o
d
o
r
e
z
o
t
t
i
b
s
i
h
t
g
n
i
r
a
e
l
C
*
.
)
Z
-
i
H
o
t
(
1.
t
i
o
t
n
e
t
t
i
r
w
n
e
e
b
s
a
h
"
1
"
a
r
e
t
f
a
d
il
a
v
n
i
s
i
t
i
b
s
i
h
T
d
a
e
R
0.
d
e
t
c
e
t
e
d
t
o
n
e
r
a
s
t
n
e
v
e
t
p
u
r
r
e
t
n
i
e
t
a
d
p
u
e
m
i
T
1
.
d
e
t
c
e
t
e
d
e
r
a
s
t
n
e
v
e
t
p
u
r
r
e
t
n
i
e
t
a
d
p
u
e
m
i
T
)
.
o
r
e
z
o
t
d
e
r
a
e
l
c
s
i
t
i
b
s
i
h
t
l
i
t
n
u
d
e
n
i
a
t
e
r
s
i
t
l
u
s
e
r
e
h
T
(
Functional Description


Similar Part No. - UC1009

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UC1000-18GM90-E2-IO-V1 PF-UC1000-18GM90-E2-IO-V1 Datasheet
785Kb / 5P
   Ultrasonic sensor
UC1000-18GM90A-E2-IO-V1 PF-UC1000-18GM90A-E2-IO-V1 Datasheet
763Kb / 5P
   Ultrasonic sensor
UC1000-18GS-2EP-IO-V15 PF-UC1000-18GS-2EP-IO-V15 Datasheet
853Kb / 6P
   Ultrasonic sensor
UC1000-18GS-IUEP-IO-V15 PF-UC1000-18GS-IUEP-IO-V15 Datasheet
870Kb / 7P
   Ultrasonic sensor
UC1000-30GM-E6R2-K-V15 PF-UC1000-30GM-E6R2-K-V15 Datasheet
735Kb / 7P
   Ultrasonic sensor
More results

Similar Description - UC1009

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
logo
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8565SA EPSONTOYOCOM-RA-8565SA Datasheet
315Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
List of Unclassifed Man...
RTC-8564JE ETC-RTC-8564JE Datasheet
115Kb / 2P
   I2C-BUS INTERFACE REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RX-8731LC EPSONTOYOCOM-RX-8731LC Datasheet
292Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8581SA EPSONTOYOCOM-RA-8581SA Datasheet
336Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8571SA EPSONTOYOCOM-RX-8571SA Datasheet
440Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8801SA EPSONTOYOCOM-RX-8801SA Datasheet
384Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com