Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1009 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UC1009
Description  I2C-Bus Interface Real-Time Clock Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UC1009 Datasheet(HTML) 2 Page - uPI Group Inc.

  UC1009 Datasheet HTML 1Page - uPI Group Inc. UC1009 Datasheet HTML 2Page - uPI Group Inc. UC1009 Datasheet HTML 3Page - uPI Group Inc. UC1009 Datasheet HTML 4Page - uPI Group Inc. UC1009 Datasheet HTML 5Page - uPI Group Inc. UC1009 Datasheet HTML 6Page - uPI Group Inc. UC1009 Datasheet HTML 7Page - uPI Group Inc. UC1009 Datasheet HTML 8Page - uPI Group Inc. UC1009 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
uC1009
Conceptual
2
uC1009-DS-C3100, Nov. 2012
www.upi-semi.com
Typical Application Circuit
0.1uF
T2
PVCC=1.6V~5.5V
VDD
TEST
GND
SCL
SDA
T1
PVCC
FOUT
10k
/INT
10k
10k
32.768kHz
FOE
Note : It uses the secondary battery or a lithium battery. When using the seconding battery, the diode is not required.
When using the lithium battery, the diode is required.
For detailed value on the resistance, please consult a battery maker.
When used as a clock source (32 kHz-TCXO)
Connection with Typical Microcontroller
GND
SDA
SCL
VDD
SDA
SCL
VDD
Note
D1: Schottky Barrier Diode
SLAVE ADRS=0110010*
I
2C-BUS Master
VDD
VDD
SCL
SDA
(I2C BUS)
Pull up Registor
R=tr/CBUS


Similar Part No. - UC1009

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UC1000-18GM90-E2-IO-V1 PF-UC1000-18GM90-E2-IO-V1 Datasheet
785Kb / 5P
   Ultrasonic sensor
UC1000-18GM90A-E2-IO-V1 PF-UC1000-18GM90A-E2-IO-V1 Datasheet
763Kb / 5P
   Ultrasonic sensor
UC1000-18GS-2EP-IO-V15 PF-UC1000-18GS-2EP-IO-V15 Datasheet
853Kb / 6P
   Ultrasonic sensor
UC1000-18GS-IUEP-IO-V15 PF-UC1000-18GS-IUEP-IO-V15 Datasheet
870Kb / 7P
   Ultrasonic sensor
UC1000-30GM-E6R2-K-V15 PF-UC1000-30GM-E6R2-K-V15 Datasheet
735Kb / 7P
   Ultrasonic sensor
More results

Similar Description - UC1009

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
uPI Group Inc.
UC1010 UPI-UC1010 Datasheet
427Kb / 40P
   I2C-Bus Interface Real-Time Clock Module
logo
Epson ToYoCom
RX-8564LC EPSONTOYOCOM-RX-8564LC Datasheet
291Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8565SA EPSONTOYOCOM-RA-8565SA Datasheet
315Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
logo
List of Unclassifed Man...
RTC-8564JE ETC-RTC-8564JE Datasheet
115Kb / 2P
   I2C-BUS INTERFACE REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RX-8731LC EPSONTOYOCOM-RX-8731LC Datasheet
292Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RA-8581SA EPSONTOYOCOM-RA-8581SA Datasheet
336Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8571SA EPSONTOYOCOM-RX-8571SA Datasheet
440Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8801SA EPSONTOYOCOM-RX-8801SA Datasheet
384Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com