Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PDUH32HV Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. PDUH32HV
Description  7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

PDUH32HV Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7.4kW Single-Phase 230V Basic PDU, 10 C13
Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U
Rack-Mount
MODEL NUMBER: PDUH32HV
Delivers 230V single-phase AC power to multiple loads from a utility outlet, generator or UPS system in a
high-density IT environment. Ideal for data centers, server rooms and network wiring closets.
Description
The PDUH32HV 7.4kW Single-Phase 230V Basic PDU is a versatile no-frills unit for data centers, server
rooms and network wiring closets. Perfectly suited for high-density IT environments, the PDUH32HV
features 10 total outlets—two in front and eight in the rear. The IEC 309 32A Blue (2P+E) input plug with
3.6 m cord connects to your facility’s compatible AC power source, generator or protected UPS to
distribute power to connected equipment.
The switchless design prevents an accidental shutdown, which could lead to costly downtime. Dual 20A
circuit breakers protect connected equipment from dangerous overloads. The reversible all-metal housing
supports a variety of mounting options, including 1U horizontal or 0U vertical mounting in EIA-standard
19-inch racks, under a counter or on a wall or workbench.
Features
Reliable Single-Phase 32A 230V Power Distribution
Ideal no-frills PDU for data centers, server rooms and network wiring closets
q
10 total C13 outlets—8 rear and 2 front
q
IEC 309 32A Blue (2P+E) input with 3.6 m power cord
q
Rear-panel grounding lug
q
Dual 20A circuit breakers protect against overloads
q
Switchless Design
Prevents accidental shutdowns and costly downtime
q
Highlights
IEC 309 32A Blue (2P+E) input
with 3.6 m power cord
q
10 total C13 outlets—8 rear and
2 front
q
Switchless design prevents
accidental shutdown
q
Reversible all-metal housing
q
Dual 20A circuit breakers
protect against overloads
q
Package Includes
PDUH32HV 7.4kW Single-
Phase 230V Basic PDU
q
Mounting hardware
q
Owner’s manual
q
1 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn