Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PDUH32HV Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. PDUH32HV
Description  7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

PDUH32HV Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Versatile Installation Options
Reversible all-metal housing faces front or rear in rack
q
Supports 1U horizontal or 0U vertical mounting in EIA-standard 19 in. racks
q
Also mounts on wall, workbench or under a counter
q
OVERVIEW
UPC Code
037332183224
PDU Type
Basic
OUTPUT
Output Capacity Details
7.7kW (240V), 7.4kW (230V), 7kW (220V), 6.4kW (200V) / 32A total capacity; 16A max per breakered outlet bank;
10A max per C13 outlet
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(10) C13
Output Nominal Voltage
200; 220; 230; 240
Overload Protection
Two 20A circuit breakers protect 5 outlets each
INPUT
PDU Input Voltage
200; 208; 220; 230; 240
Recommended Electrical Service
32A 230V
Maximum Input Amps
32
PDU Plug Type
IEC-309 32A BLUE (2P+E)
Input Cord Length (ft.)
12
Input Cord Length (m)
3.66
Input Phase
Single-Phase
USER INTERFACE, ALERTS & CONTROLS
Switches
n/a
PHYSICAL
Minimum Required Rack Depth
(inches)
6
Minimum Required Rack Depth (cm)
15.24
Shipping Dimensions (hwd / in.)
3.00 x 20.25 x 11.25
Shipping Dimensions (hwd / cm)
7.62 x 51.44 x 28.58
2 / 3


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn